Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 124 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 124 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 120Page - Microchip Technology LAN89218 Datasheet HTML 121Page - Microchip Technology LAN89218 Datasheet HTML 122Page - Microchip Technology LAN89218 Datasheet HTML 123Page - Microchip Technology LAN89218 Datasheet HTML 124Page - Microchip Technology LAN89218 Datasheet HTML 125Page - Microchip Technology LAN89218 Datasheet HTML 126Page - Microchip Technology LAN89218 Datasheet HTML 127Page - Microchip Technology LAN89218 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 148 page
background image
LAN89218
DS60001255B-page 124
 2008-2015 Microchip Technology Inc.
6.1.2
SPECIAL RESTRICTIONS ON BACK-TO-BACK READ CYCLES
There are also restrictions on specific back-to-back read operations. These restrictions concern reading specific
registers after reading resources that have side effects. In many cases there is a delay between reading the
LAN89218, and the subsequent indication of the expected change in the control register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have been
established. These periods are specified in Table 6-2. The host processor is required to wait the specified period of
time between read operations of specific combinations of resources. The wait period is dependent upon the
combination of registers being read.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to guarantee that the minimum wait time
restriction is met. Table 6-2 also shows the number of dummy reads that are required for back-to-back read
operations. The number of BYTE_TEST reads in this table is based on the minimum timing for Tcycle (45 ns). For
microprocessors with slower buses the number of reads may be reduced as long as the total time is equal to, or
greater than the time specified in the table. Dummy reads of the BYTE_TEST register are not required as long as
the minimum time period is met.
PMT_CTRL
315
7
GPIO_CFG
45
1
GPT_CFG
45
1
GPT_CNT
135
3
WORD_SWAP
45
1
FREE_RUN
180
4
RX_DROP
0
0
MAC_CSR_CMD
45
1
MAC_CSR_DATA
45
1
AFC_CFG
45
1
E2P_CMD
45
1
E2P_DATA
45
1
TABLE 6-2:
READ AFTER READ TIMING RULES
After Reading...
Wait for this many
... ns
or Perform This Many Reads
of BYTE_TEST…
(Assuming tcycle of 45 ns)
Before Reading ...
RX Data FIFO
135
3
RX_FIFO_INF
RX Status FIFO
135
3
RX_FIFO_INF
TX Status FIFO
135
3
TX_FIFO_INF
RX_DROP
180
4
RX_DROP
TABLE 6-1:
READ AFTER WRITE TIMING RULES (CONTINUED) (CONTINUED)
Register Name
Minimum Wait Time for Read Following
Any Write Cycle (in ns)
Number of BYTE_TEST Reads
(Assuming tcycle of 45 ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com