Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 121 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 121 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 117Page - Microchip Technology LAN89218 Datasheet HTML 118Page - Microchip Technology LAN89218 Datasheet HTML 119Page - Microchip Technology LAN89218 Datasheet HTML 120Page - Microchip Technology LAN89218 Datasheet HTML 121Page - Microchip Technology LAN89218 Datasheet HTML 122Page - Microchip Technology LAN89218 Datasheet HTML 123Page - Microchip Technology LAN89218 Datasheet HTML 124Page - Microchip Technology LAN89218 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 121
LAN89218
5.5.13
PHY SPECIAL CONTROL/STATUS
Index (In Decimal):
31
Size:
16-bits
Bits
Description
Type
Default
15:13
Reserved
RO
000b
12
Autodone. Auto-negotiation done indication:
0 = Auto-negotiation is not done or disabled (or not active)
1 = Auto-negotiation is done
RO
0b
11:5
Reserved. Write as 0000010b, ignore on Read.
RW
0000010b
4:2
Speed Indication. HCDSPEED value:
[001] = 10 Mbps half-duplex
[101] = 10 Mbps full-duplex
[010] = 100Base-TX half-duplex
[110] = 100Base-TX full-duplex
RO
See Table 2-5
1:0
Reserved. Write as 0; ignore on Read
RO
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com