Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 123 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 123 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 119Page - Microchip Technology LAN89218 Datasheet HTML 120Page - Microchip Technology LAN89218 Datasheet HTML 121Page - Microchip Technology LAN89218 Datasheet HTML 122Page - Microchip Technology LAN89218 Datasheet HTML 123Page - Microchip Technology LAN89218 Datasheet HTML 124Page - Microchip Technology LAN89218 Datasheet HTML 125Page - Microchip Technology LAN89218 Datasheet HTML 126Page - Microchip Technology LAN89218 Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 123
LAN89218
6.0
TIMING DIAGRAMS
6.1
Host Interface Timing
The LAN89218 supports the following host cycles:
Read Cycles:
• PIO Reads (nCS or nRD controlled)
• PIO Burst Reads (nCS or nRD controlled)
• RX Data FIFO Direct PIO Reads (nCS or nRD controlled)
• RX Data FIFO Direct PIO Burst Reads (nCS or nRD controlled)
Write Cycles:
• PIO writes (nCS and nWR controlled)
• TX Data FIFO direct PIO writes (nCS or nWR controlled)
6.1.1
SPECIAL RESTRICTIONS ON BACK-TO-BACK WRITE/READ CYCLES
It is important to note that there are specific restrictions on the timing of back-to-back write-read operations. These
restrictions concern reading the control registers after any write cycle to the LAN89218 device. In many cases there
is a required minimum delay between writing to the LAN89218, and the subsequent side effect (change in the control
register value). For example, when writing to the TX Data FIFO, it takes up to 135 ns for the level indication to change
in the TX_FIFO_INF register.
In order to prevent the host from reading stale data after a write operation, minimum wait periods must be enforced.
These periods are specified in Table 6-1. The host processor is required to wait the specified period of time after any
write to the LAN89218 before reading the resource specified in the table. These wait periods are for read operations
that immediately follow any write cycle. Note that the required wait period is dependent upon the register being read
after the write.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to guarantee that the minimum write-to-
read timing restriction is met. Table 6-1 also shows the number of dummy reads that are required before reading the
register indicated. The number of BYTE_TEST reads in this table is based on the minimum timing for Tcycle (45 ns).
For microprocessors with slower buses the number of reads may be reduced as long as the total time is equal to,
or greater than the time specified in the table. Note that dummy reads of the BYTE_TEST register are not required
as long as the minimum time period is met.
Note:
Unless otherwise noted, timing specifications assume a load capacitance of 25 pF and are valid over the
operating conditions specified in Section 7.2.
TABLE 6-1:
READ AFTER WRITE TIMING RULES
Register Name
Minimum Wait Time for Read Following
Any Write Cycle (in ns)
Number of BYTE_TEST Reads
(Assuming tcycle of 45 ns)
ID_REV
0
0
IRQ_CFG
135
3
INT_STS
90
2
INT_EN
45
1
BYTE_TEST
0
0
FIFO_INT
45
1
RX_CFG
45
1
TX_CFG
45
1
HW_CFG
45
1
RX_DP_CTRL
45
1
RX_FIFO_INF
0
0
TX_FIFO_INF
135
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com