Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 128 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 128 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 124Page - Microchip Technology LAN89218 Datasheet HTML 125Page - Microchip Technology LAN89218 Datasheet HTML 126Page - Microchip Technology LAN89218 Datasheet HTML 127Page - Microchip Technology LAN89218 Datasheet HTML 128Page - Microchip Technology LAN89218 Datasheet HTML 129Page - Microchip Technology LAN89218 Datasheet HTML 130Page - Microchip Technology LAN89218 Datasheet HTML 131Page - Microchip Technology LAN89218 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
LAN89218
DS60001255B-page 128
 2008-2015 Microchip Technology Inc.
6.5
RX Data FIFO Direct PIO Burst Reads
In this mode the upper address inputs are not decoded, and any burst read of the LAN89218 will read the RX Data
FIFO. This mode is enabled when FIFO_SEL is driven high during a read access. This is normally accomplished by
connecting the FIFO_SEL signal to a high-order address line. This mode is useful when the host processor must
increment its address when accessing the LAN89218. Timing is identical to a PIO Burst Read, and the FIFO_SEL
signal has the same timing characteristics as the address lines. This mode improves performance by allowing an
unlimited number of back-to-back read cycles. RX Data FIFO Direct PIO Burst Reads can be performed using Chip
Select (nCS) or Read Enable (nRD). When either or both of these control signals go high, they must remain high for
the period specified.
Timing for 16-bit and 32-bit RX Data FIFO Direct PIO Burst Reads is identical with the exception that D[31:16] are
not driven during a 16-bit burst. Note that address lines A[2:1] are still used, and address bits A[7:3] are ignored.
FIGURE 6-4:
RX DATA FIFO DIRECT PIO BURST READ CYCLE TIMING
Note:
The “Data Bus” width is 32 bits with optional support for 16-bit bus widths.
TABLE 6-6:
RX DATA FIFO DIRECT PIO BURST READ CYCLE TIMING
Symbol
Description
Min.
Typ.
Max.
Unit
tcsh
nCS, nRD Deassertion Time
13
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tacyc
Address Cycle Time
45
tasu
Address, END_SEL, FIFO_SEL Setup to nCS, nRD Valid
0
ns
tadv
Address Stable to Data Valid
40
tah
Address, END_SEL, FIFO_SEL Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
7
ns
tdoh
Data Output Hold Time
0
ns
Note:
An RX Data FIFO Direct PIO Burst Read cycle begins when both nCS and nRD are asserted. The cycle
ends when either or both nCS and nRD are deasserted. They may be asserted and deasserted in any
order.
A[2:1]
nCS, nRD
Data Bus
END_SEL
FIFO_SEL
tasu
tacyc
tadv
tcsdv
tdon
tacyc
tacyc
tcsh
tadv
tadv
tah
tdoh
tdoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com