Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 130 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 130 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 126Page - Microchip Technology LAN89218 Datasheet HTML 127Page - Microchip Technology LAN89218 Datasheet HTML 128Page - Microchip Technology LAN89218 Datasheet HTML 129Page - Microchip Technology LAN89218 Datasheet HTML 130Page - Microchip Technology LAN89218 Datasheet HTML 131Page - Microchip Technology LAN89218 Datasheet HTML 132Page - Microchip Technology LAN89218 Datasheet HTML 133Page - Microchip Technology LAN89218 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
LAN89218
DS60001255B-page 130
 2008-2015 Microchip Technology Inc.
6.7
TX Data FIFO Direct PIO Writes
In this mode the upper address inputs are not decoded, and any write to the LAN89218 will write the TX Data FIFO.
This mode is enabled when FIFO_SEL is driven high during a write access. This is normally accomplished by
connecting the FIFO_SEL signal to a high-order address line. This mode is useful when the host processor must
increment its address when accessing the LAN89218. Timing is identical to a PIO write, and the FIFO_SEL signal
has the same timing characteristics as the address lines.
Timing for 16-bit and 32-bit cycles is identical with the exception that D[31:16] is ignored during a 16-bit write. Note
that address lines A[2:1] are still used when the LAN89218 is operating in 32-bit and 16-bit mode. Address bits A[7:3]
are ignored.
FIGURE 6-6:
TX DATA FIFO DIRECT PIO WRITE TIMING
Note:
The “Data Bus” width is 32 bits with optional support for 16-bit bus widths.
TABLE 6-8:
TX DATA FIFO DIRECT PIO WRITE TIMING
Symbol
Description
Min.
Typ.
Max.
Unit
tcycle
Write Cycle Time
45
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time
13
ns
tasu
Address, END_SEL, FIFO_SEL Setup to nCS, nWR
Assertion
0ns
tah
Address, END_SEL, FIFO_SEL Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A TX Data FIFO Direct PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends when
either or both nCS and nWR are deasserted. They may be asserted and deasserted in any order.
tah
tdsu
A[2:1], END_SEL
nCS, nWR
Data Bus
FIFO_SEL
tdh
tcsh
tcycle
tcsl
tasu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com