Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 134 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 134 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 130Page - Microchip Technology LAN89218 Datasheet HTML 131Page - Microchip Technology LAN89218 Datasheet HTML 132Page - Microchip Technology LAN89218 Datasheet HTML 133Page - Microchip Technology LAN89218 Datasheet HTML 134Page - Microchip Technology LAN89218 Datasheet HTML 135Page - Microchip Technology LAN89218 Datasheet HTML 136Page - Microchip Technology LAN89218 Datasheet HTML 137Page - Microchip Technology LAN89218 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 148 page
background image
LAN89218
DS60001255B-page 134
 2008-2015 Microchip Technology Inc.
7.4
Power Consumption (Device Only)
This section provides typical power consumption values for the LAN89218 in various modes of operation. These
measurements were taken under the following conditions:
Temperature: ..........................................................................................................................................................+25
C
Device VDD: ........................................................................................................................................................ +3.30 V
7.5
Power Consumption (Device and System Components)
This section provides typical power consumption values for a complete Ethernet interface based on the LAN89218,
including the power dissipated by the magnetics and other passive components. The power measurements list below
were taken under the following conditions:
Temperature: ........................................................................................................................................................ +25
C
Device VDD: ....................................................................................................................................................... +3.30 V
TABLE 7-2:
POWER CONSUMPTION DEVICE ONLY
Mode
Total Power - Typical (mW)
10BASE-T Operation
D0, 10BASE-T /w traffic
295
D0, Idle
290
D1, Idle
175
D2, Energy Detect Power Down
64
D2, General Power Down
12
100BASE-TX Operation
D0, 100BASE-TX /w traffic
420
D0, Idle
415
D1, Idle
300
D2, Energy Detect Power Down
64
D2, General Power Down
12
Note:
D0 = Normal Operation, D1 = WOL (Wake On LAN mode), D2 = Low Power Energy Detect.
TABLE 7-3:
POWER CONSUMPTION DEVICE AND SYSTEM COMPONENTS
Mode
Total Power - Typical (mW)
10BASE-T Operation
D0, 10BASE-T /w traffic
655
D0, Idle
650
D1, Idle
535
D2, Energy Detect Power Down
64
D2, General Power Down
12
100BASE-TX Operation
D0, 100BASE-TX /w traffic
565
D0, Idle
560
D1, Idle
445
D2, Energy Detect Power Down
64
D2, General Power Down
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com