Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 137 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 137 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 133Page - Microchip Technology LAN89218 Datasheet HTML 134Page - Microchip Technology LAN89218 Datasheet HTML 135Page - Microchip Technology LAN89218 Datasheet HTML 136Page - Microchip Technology LAN89218 Datasheet HTML 137Page - Microchip Technology LAN89218 Datasheet HTML 138Page - Microchip Technology LAN89218 Datasheet HTML 139Page - Microchip Technology LAN89218 Datasheet HTML 140Page - Microchip Technology LAN89218 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 137
LAN89218
7.7
Clock Circuit
The LAN89218 can accept either a 25 MHz crystal (preferred) or a 25 MHz single-ended clock oscillator (
50 PPM)
input. The LAN89218 shares the 25 MHz clock oscillator input (CLKIN) with the crystal input XTAL1/CLKIN. If the
single-ended clock oscillator method is implemented, XTAL2 should be left unconnected and CLKIN should be driven
with a nominal 0-3.3 V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the LAN89218 crystal input/
output signals (XTAL1, XTAL2). See Table 7-8 for crystal specifications. Refer to application note AN10.7 - “Parallel
Crystal Circuit Input Voltage Control” for additional information.
Note 1:
The maximum allowable values for Frequency Tolerance and Frequency Stability are application depen-
dent. Since any particular application must meet the IEEE
50 PPM Total PPM Budget, the combination of
these two values must be approximately
45 PPM (allowing for aging).
Note 2:
Frequency Deviation Over Time is also referred to as Aging.
Note 3:
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
50 PPM.
Note 4:
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The XTAL1/CLKIN and XTAL2 pin and PCB capacitance values are required to accurately calculate
the value of the two external load capacitors. These two external load capacitors determine the accuracy of
the 25.000 MHz frequency.
TABLE 7-8:
LAN89218 CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
25.000
MHz
Frequency Tolerance @ 25 oCFtol
50
PPM
See Note 1
Frequency Stability Over Temp
Ftemp
50
PPM
See Note 1
Frequency Deviation Over Time
Fage
3 to 5
PPM
See Note 2
Total Allowable PPM Budget
50
PPM
See Note 3
Shunt Capacitance
CO
7 typ
pF
Load Capacitance
CL
20 typ
pF
Drive Level
PW
300
µW
Equivalent Series Resistance
R1
50
Ω
Operating Temperature Range
-40
+85
oC
LAN89218 XTAL1/CLKIN Pin
Capacitance
3 typ
pF
See Note 4
LAN89218 XTAL2 Pin Capaci-
tance
3 typ
pF
See Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com