Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 136 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 136 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 132Page - Microchip Technology LAN89218 Datasheet HTML 133Page - Microchip Technology LAN89218 Datasheet HTML 134Page - Microchip Technology LAN89218 Datasheet HTML 135Page - Microchip Technology LAN89218 Datasheet HTML 136Page - Microchip Technology LAN89218 Datasheet HTML 137Page - Microchip Technology LAN89218 Datasheet HTML 138Page - Microchip Technology LAN89218 Datasheet HTML 139Page - Microchip Technology LAN89218 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 148 page
background image
LAN89218
DS60001255B-page 136
 2008-2015 Microchip Technology Inc.
Note 1:
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up resis-
tors add
50 µA per-pin (typical).
Note 2:
This is the total VIN input leakage for the entire device. This value should be divided by the number of pins
driven to VIN MAX to calculate per-pin leakage. For example, if 10 pins are driven to the maximum opera-
tional limit for VIN, the per-pin input leakage is the maximum input leakage current divided by 10.
Note 1:
Measured at the line side of the transformer, line replaced by 100 Ω (
1%) resistor.
Note 2:
Offset from 16 ns pulse width at 50% of pulse peak.
Note 3:
Measured differentially.
Note 1:
Measured at the line side of the transformer, line replaced by 100 Ω (
1%) resistor.
O8 Type Buffer
Low Output Level
VOL
0.48
V
IOL = 8 mA
High Output Level
VOH
VDD - 0.5
V
IOH = -8 mA
ICLK Input Buffer
Low Input Level
VILCK
-0.3
0.5
V
High Input Level
VIHCK
1.4
3.6
V
TABLE 7-6:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Peak Differential Output Voltage High
VPPH
950
1050
mVpk
See Note 1
Peak Differential Output Voltage Low
VPPL
-950
-1050
mVpk
See Note 1
Signal Amplitude Symmetry
VSS
98
102
%
See Note 1
Signal Rise & Fall Time
TRF
3.0
5.0
ns
See Note 1
Rise & Fall Time Symmetry
TRFS
0.5
ns
See Note 1
Duty Cycle Distortion
DCD
±250
ps
See Note 2
Overshoot & Undershoot
VOS
4.2
%
Jitter
1.4
ns
See Note 3
TABLE 7-7:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter Peak Differential Output
Voltage
VOUT
2.2
2.5
2.8
V
See Note 1
Receiver Differential Squelch
Threshold
VDS
516
mV
TABLE 7-5:
I/O BUFFER CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com