Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 133 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 133 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 129Page - Microchip Technology LAN89218 Datasheet HTML 130Page - Microchip Technology LAN89218 Datasheet HTML 131Page - Microchip Technology LAN89218 Datasheet HTML 132Page - Microchip Technology LAN89218 Datasheet HTML 133Page - Microchip Technology LAN89218 Datasheet HTML 134Page - Microchip Technology LAN89218 Datasheet HTML 135Page - Microchip Technology LAN89218 Datasheet HTML 136Page - Microchip Technology LAN89218 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 133
LAN89218
7.0
OPERATIONAL CHARACTERISTICS
Specifications are subject to change without notice.
7.1
Absolute Maximum Ratings*
Supply voltage (VDD_A, VDD_REF, VREG, VDD_IO) .............................................................................. 0 V to +3.6 V
Positive voltage on signal pins, with respect to ground (see Note 1)...................................................................................+6.0 V
Negative voltage on signal pins, with respect to ground (see Note 2)................................................................. -0.5 V
Positive voltage on XTAL1/CLKIN, with respect to ground .................................................................................. +4.6 V
Positive voltage on XTAL2, with respect to ground.............................................................................................. +2.5 V
Storage temperature ........................................................................................................................... -65 oC to +150 oC
Junction temperature ...........................................................................................................................................+150 oC
Lead temperature range............................................................................................ Refer to JEDEC Spec. J-STD-020
*Operation at or above these limits may damage the device.
Note 1:
This rating does not apply to the following pins: XTAL1/CLKIN, XTAL2, EXRES1.
Note 2:
This rating does not apply to the following pins: EXRES1.
7.2
Operating Conditions**
Supply voltage (VDD_A, VDD_REF, VREG, VDD_IO) ......................................................................... +3.3 V
300 mV
Junction temperature ......................................................................................................................... -40 oC to +125 oC
**Proper operation of the LAN89218 is guaranteed only within the ranges specified in this section.
7.3
Package Thermal Specifications
TABLE 7-1:
PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
Unit
Comment
Thermal Resistance
ΘJA
35
oC/W
Measured from the die to ambient air.
Junction-to-Top-of-Package
ΨJT
1.25
oC/W
Note:
Thermal parameters are measured or estimated for devices in a multilayer 2S2P PCB per JESD51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com