Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 135 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 135 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 131Page - Microchip Technology LAN89218 Datasheet HTML 132Page - Microchip Technology LAN89218 Datasheet HTML 133Page - Microchip Technology LAN89218 Datasheet HTML 134Page - Microchip Technology LAN89218 Datasheet HTML 135Page - Microchip Technology LAN89218 Datasheet HTML 136Page - Microchip Technology LAN89218 Datasheet HTML 137Page - Microchip Technology LAN89218 Datasheet HTML 138Page - Microchip Technology LAN89218 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 135
LAN89218
7.6
DC Electrical Specifications
Table 7-4 lists the worst case current consumption for each of the supplies of the LAN89218. These figures are
provided to assist system designers properly design the power supply; they cannot be used to determine typical
power consumption of the device.
Note:
Unless otherwise noted, the DC specifications in this section are valid over the operating conditions spec-
ified in Section 7.2.
TABLE 7-4:
SUPPLY CURRENT CHARACTERISTICS
Parameter
Supply Name
Min.
Typ.
Max.
Unit
Note
Internal Regulator Supply Current
VREG
80
mA
+3.3 V I/O Supply Current
VDD_IO
15
mA
+3.3 V Analog Supply Current
VDD_A
50
mA
Reference Supply Current
VDD_REF
30
mA
Note:
Above figures do not include the supply current for the magnetics. Based on the recommended implemen-
tation, the maximum supply current needed for the magnetics is 108 mA.
TABLE 7-5:
I/O BUFFER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
I Type Input Buffer
Low Input Level
VILI
-0.3
0.8
V
High Input Level
VIHI
2.0
5.5
V
Rise/Fall Time
tRF
20
ns
Measured between VILI and VIHI
Input Leakage
(VIN = GND_IO or VDD_IO)
IIH
-10
10
µA
See Note 1
Input Leakage
(VIN = 5.5 V)
IIH
750
µA
See Note 1 and Note 2
Input Capacitance
CIN
3.3
pF
IS Type Input Buffer
Negative-Going Threshold
VILT
0.9
1.2
1.45
V
Schmitt Trigger
Positive-Going Threshold
VIHT
1.4
1.6
1.95
V
Schmitt Trigger
Schmitt Trigger Hysteresis
(VIHT - VILT)
VHYS
345
420
650
mV
Input Leakage
(VIN = GND_IO or VDD_IO)
IIH
-10
10
µA
See Note 1
Input Leakage
(VIN = 5.5 V)
IIH
750
µA
See Note 1 and Note 2
Input Capacitance
CIN
3.3
pF
O12 Type Buffer
Low Output Level
VOL
0.48
V
IOL = 12 mA
High Output Level
VOH
VDD - 0.5
V
IOH = -12 mA
OD12 Type Buffer
Low Output Level
VOL
0.48
V
IOL = 12 mA
OD8 Type Buffer
Low Output Level
VOL
0.48
V
IOL = 8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com