Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 129 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 129 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 125Page - Microchip Technology LAN89218 Datasheet HTML 126Page - Microchip Technology LAN89218 Datasheet HTML 127Page - Microchip Technology LAN89218 Datasheet HTML 128Page - Microchip Technology LAN89218 Datasheet HTML 129Page - Microchip Technology LAN89218 Datasheet HTML 130Page - Microchip Technology LAN89218 Datasheet HTML 131Page - Microchip Technology LAN89218 Datasheet HTML 132Page - Microchip Technology LAN89218 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 129
LAN89218
6.6
PIO Writes
PIO writes are used for all LAN89218 write cycles. PIO writes can be performed using Chip Select (nCS) or Write
Enable (nWR). Either or both of these control signals must go high between cycles for the period specified.
PIO Writes are valid for 16- and 32-bit access. Timing for 16-bit and 32-bit PIO write cycles are identical with the
exception that D[31:16] are ignored during a 16-bit write.
FIGURE 6-5:
PIO WRITE CYCLE TIMING
Note:
The “Data Bus” width is 32 bits with optional support for 16-bit bus widths.
TABLE 6-7:
PIO WRITE CYCLE TIMING
Symbol
Description
Min.
Typ.
Max.
Unit
tcycle
Write Cycle Time
45
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time
13
ns
tasu
Address, END_SEL Setup to nCS, nWR Assertion
0
ns
tah
Address, END_SEL Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends when either or both nCS
and nWR are deasserted. They may be asserted and deasserted in any order.
tah
A[7:1], END_SEL
nCS, nWR
Data Bus
tasu
tcsl
tcycle
tcsh
tdh
tdsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com