Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 140 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 140 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 136Page - Microchip Technology LAN89218 Datasheet HTML 137Page - Microchip Technology LAN89218 Datasheet HTML 138Page - Microchip Technology LAN89218 Datasheet HTML 139Page - Microchip Technology LAN89218 Datasheet HTML 140Page - Microchip Technology LAN89218 Datasheet HTML 141Page - Microchip Technology LAN89218 Datasheet HTML 142Page - Microchip Technology LAN89218 Datasheet HTML 143Page - Microchip Technology LAN89218 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 148 page
background image
LAN89218
DS60001255B-page 140
 2008-2015 Microchip Technology Inc.
Microchip Technology Drawing C04-233A Sheet 2 of 2
Number of Leads
Overall Height
Lead Width
Lead Length
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E
D1
E1
A2
e
L
D
N
0.50 BSC
0.45
0.17
-
0.05
0.22
0.60
14.00 BSC
-
-
16.00 BSC
MILLIMETERS
MIN
NOM
100
0.75
0.27
1.60
0.15
MAX
3.5°
0°
7°
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Lead Angle
100-Lead Low Profile Quad Flatpack (PL) - 14x14 mm Body [LQFP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
L
(L1)
R
R
c
H
DETAIL A
Footprint
(L1)
1.00 REF
Mold Draft Angle
11°
12°
13°
1.35
-
1.45
Overall Width
Overall Length
Molded Package Width
Molded Package Length
14.00 BSC
16.00 BSC
Lead Thickness
c
0.09
-
0.20
-
0.08
-
Bend Radius
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com