Electronic Components Datasheet Search
  English  ▼

X  

LAN89218 Datasheet(PDF) 144 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 144 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 140Page - Microchip Technology LAN89218 Datasheet HTML 141Page - Microchip Technology LAN89218 Datasheet HTML 142Page - Microchip Technology LAN89218 Datasheet HTML 143Page - Microchip Technology LAN89218 Datasheet HTML 144Page - Microchip Technology LAN89218 Datasheet HTML 145Page - Microchip Technology LAN89218 Datasheet HTML 146Page - Microchip Technology LAN89218 Datasheet HTML 147Page - Microchip Technology LAN89218 Datasheet HTML 148Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 144 / 148 page
background image
LAN89218
DS60001255B-page 144
 2008-2015 Microchip Technology Inc.
Rev. 1.2
(11-21-08)
All
Fixed various typos
Section 5.3.23
Corrected MAC Address Loaded (bit 8) type from “RO” to “R/WC”
Chapter 7.0
Added HBM ESD value, thermal specifications, power numbers.
Table 7-8
Updated crystal specifications:
Drive Level: 300uW
ESR 50 Ohms
Rev. 1.0
(06-20-08)
Table 2-4
Fixed note cross-references in the VDD_CORE and VDD_PLL pin
descriptions.
Rev. 1.0
(06-19-08)
Figure 1-2
Diagram redone to add PLL regulator block and add the word
“core” to the original regulator block.
Table 2-4
Added new note underneath table which is referenced in the
VDD_CORE and VDD_PLL pin descriptions: “This pin must not be
used to supply power to other external devices.”
Section 3.6
Fixed pagination.
Rev. 1.0
(06-13-08)
Section 5.5.5
Bits 9 and 15 relabeled as Reserved, Read-Only (RO), with a
default of 0.
Fixed definition of bits 11:10 when equal to “11” by adding “adver-
tise support for..” to beginning of definition. Also added note stating
“When both symmetric PAUSE and asymmetric PAUSE support
are advertised, the device will only be configured to, at most, one of
the two settings upon auto-negotiation completion.”
(Bugzilla Bug 1901)
Section 5.3.1
Removed “0000” from the default value of the Chip Revision field.
This was replaced with a cross-reference to a new note which
states, “Default value is dependent on device revision.”
Section 3.5 and Section 5.4.1 Added note: “When wake-up frame detection is enabled via the
WUEN bit of the WUCSR—Wake-up Control and Status Register, a
broadcast wake-up frame will wake-up the device despite the state
of the Disable Broadcast Frame (BCAST) bit in the MAC_CR—
MAC Control Register.”
Section 5.4.12
Fixed typo in bit 9: “... Mac Address [1:0] bit set to 0.” was changed
to “...Mac Address [0] bit set to 0.”
All
Fixed various typos
Revision Level
and Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com