| Electronic Components Datasheet Search |
|
ELM329LP Datasheet(PDF) 18 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM329LP Datasheet(HTML) 18 Page - ELM Electronics |
|
18 / 87 page ![]() E0 and E1 [ Echo off or on ] These commands control whether or not the characters received on the RS232 port are echoed (retransmitted) back to the host computer. Character echo can be used to confirm that the characters sent to the ELM329 were received correctly. The default is E1 (or echo on). FC SD [1-8 bytes] [ Flow Control Set Data to… ] The data bytes that are sent in a CAN Flow Control message may be defined with this command. One to eight data bytes may be specified, with the remainder of the bytes in the message being automatically set to the default CAN filler byte, if more bytes are required by the protocol. Note that no formatting bytes (PCI, etc.) are added by this command - the data is used exactly as provided, except for the filler bytes. AT FC SD is used with Flow Control modes 1 and 2. FC SH xyz [ Flow Control Set Header to… ] The header (or more properly ‘CAN ID’) bytes used for CAN Flow Control messages can be set using this command. Only the right-most 11 bits of those provided will be used - the most significant bit is always ignored. This command only affects Flow Control mode 1. FC SH wwxxyyzz [ Flow Control Set Header to… ] This command is used to set the header (or ‘CAN ID’) bits for Flow Control responses with 29 bit CAN ID systems. Since the 8 nibbles define 32 bits, only the right-most 29 bits of those provided will be used - the most significant three bits are always ignored. This command only affects Flow Control mode 1. FC SM h [ Flow Control Set Mode to h ] This command sets how the ELM329 responds to First Frame messages when automatic Flow Control responses are enabled. The single digit provided can either be ‘0’ (the default) for fully automatic responses, ‘1’ for completely user defined responses, or ‘2’ for user defined data bytes in the response. Note that FC modes 1 and 2 can only be enabled if you have defined the needed data and possibly ID bytes. If you have not, you will get an error message. More complete details and examples can be found in the Altering Flow Control Messages section (page 57). H0 and H1 [ Headers off or on ] These commands control whether or not the header (ID and possibly DLC) bytes of information are shown in the responses from the vehicle. These are not normally shown by the ELM329, but may be of interest (especially if you receive multiple responses and wish to determine what modules they were from). Turning the headers on (with AT H1) actually shows more than just the header bytes – you will see the complete message as transmitted, including the PCI bytes, and the CAN data length code (DLC) if it has been enabled. The current version of this IC does not display the CAN CRC code. I [ Identify yourself ] Issuing this command causes the chip to identify itself, by printing the startup product ID string (currently ‘ELM329 v2.0’). Software can use this to determine exactly which integrated circuit it is talking to, without having to reset the IC. IGN [ read the IgnMon input level ] This command reads the signal level at pin 15. It assumes that the logic level is related to the ignition voltage, so if the input is at a high level, the response will be ‘ON’, and a low level will report ‘OFF’. This feature is most useful if you wish to perform the power control functions using your own software. If you disable the automatic response to a low input on this pin (by setting bit 2 of PP 0E to 0), then pin 15 will function as the RTS input. A low level on the input will not turn the power off, but it will interrupt any OBD activity that is in progress. All you need to do is detect the ‘STOPPED’ message that is sent when the ELM329 is interrupted, and then check the level at pin 15 using AT IGN. If it is found to be OFF, you can perform an orderly shutdown yourself. IN1 [ read the level at INput 1 ] This command causes the ELM329 to read the logic level at pin 12. If it is at a low level, ‘0’ will be reported, while a high level results in a ‘1’. The level shown is subject to the hysteresis effects of the Schmitt trigger wave shaping of the input circuitry. 18 of 87 ELM329L ELM329L DSA Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com AT Command Descriptions (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |