Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 59 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 59 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 55Page - ELM Electronics ELM329LP Datasheet HTML 56Page - ELM Electronics ELM329LP Datasheet HTML 57Page - ELM Electronics ELM329LP Datasheet HTML 58Page - ELM Electronics ELM329LP Datasheet HTML 59Page - ELM Electronics ELM329LP Datasheet HTML 60Page - ELM Electronics ELM329LP Datasheet HTML 61Page - ELM Electronics ELM329LP Datasheet HTML 62Page - ELM Electronics ELM329LP Datasheet HTML 63Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
59 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
CAN Input Frequency Matching
Most modern vehicles have a CAN network
connected to pins 6 and 14 of the OBD connector. At
one time, however, the use of these pins was left to
the vehicle manufacturer, and a number of different
systems were connected to them.
In order to prevent the disruption of any connected
systems while the ELM329 is searching for a protocol
(it sends out requests during a search), the ELM329
now performs several tests on these wires. Prior to
firmware version 2.1, the tests simply looked for
activity on the wires but were not frequency selective.
This meant that, for example, vehicles that had a
speedometer signal connected to either pin might be
seen as a valid CAN network. and the ELM329 may
have sent a request on these wires. The new firmware
requires that the measured input frequency matches
that selected by the CAN protocol before any test
message is sent.
The diagram below shows how the logic works. It
may seem a little complicated, but what it really says is
that for the default settings, a send is allowed if the
input signal frequency matches the CAN setting (250
or 500 kbps), or if there appears to be no signal. In
addition, if the user is trying a non-standard OBD
frequency, but a standard frequency is received, a
send will not be allowed.
All bits of PP 28 are set to 1 by default (requiring
frequency matching, unless no signal is detected), but
may be changed at any time - see the Programmable
Parameters section for details.
This logic is only used while searching for a valid
protocol. Once a particular protocol is considered to be
active, no further frequency checks are made (as it is
time consuming). Note that if you should use the AT BI
command to bypass the initiation process, this
frequency matching test will also bypassed.
Signal
Processing
allow a
CAN send
CAN Rx
(pin 24)
signal is 500 kbps
setting is
500 kbps
PP 28, b7 is 0
signal is 250 kbps
setting is
250 kbps
PP 28, b6 is 0
signal is not 250 or 500 kbps
setting is not
250 or 500 kbps
PP 28, b0 is 1
input is quiet
Send Logic While Searching for a Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com