Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 69 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 69 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 65Page - ELM Electronics ELM329LP Datasheet HTML 66Page - ELM Electronics ELM329LP Datasheet HTML 67Page - ELM Electronics ELM329LP Datasheet HTML 68Page - ELM Electronics ELM329LP Datasheet HTML 69Page - ELM Electronics ELM329LP Datasheet HTML 70Page - ELM Electronics ELM329LP Datasheet HTML 71Page - ELM Electronics ELM329LP Datasheet HTML 72Page - ELM Electronics ELM329LP Datasheet HTML 73Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
69 of 87
Programmable Parameter Summary (continued)
PP
Description
Values
Default
Type
2B
02
(250 Kbps)
01 to 40
Protocol A (SAE J1939) CAN baud rate divisor.
The baud rate is determined by the formula:
rate (in kbps) = 500 ÷ value
For example, setting this PP to 19 (ie. decimal 25) provides
a baud rate of 500/25 = 20 kbps.
R
2A
08
(00001000)
00 to FF
D
CAN Error Checking (controls testing)
Each bit of this byte controls an option, as follows:
b7: ISO 15765 Data Length
0: accept any
1: must be 8 bytes
Allows acceptance of non-standard data without errors.
b6: ISO 15765 PCI=00
0: allowed
1: not allowed
Some vehicles send 00’s, which can be confusing.
b5: reserved for future - leave set to 0
b4: reserved for future - leave set to 0
b3: Wiring Test
0: bypass
1: perform
Certain wiring conditions may cause problems. This allows
a quick test, which weeds out some problems.
b2: reserved for future - leave set to 0
b1: reserved for future - leave set to 0
b0: reserved for future - leave set to 0
29
Printing of the CAN data length (DLC digit) when printing header
bytes (AT D0/D1 default setting)
D
FF
(OFF)
00 = ON
FF = OFF
2C
E0
(11100000)
00 to FF
Protocol B (USER1) CAN options.
Each bit of this byte controls an option, as follows:
b7: Transmit ID Length
0: 29 bit ID
1: 11 bit ID
b6: Data Length
0: fixed 8 byte
1: variable DLC
b5: Receive ID Length
0: as set by b7
1: both 11 and 29 bit
b4: baud rate multiplier
0: x1
1: x 8/7
(see note 2)
b3: reserved for future - leave set at 0.
b2, b1, and b0 determine the data formatting options:
b2
b1
b0
Data Format
0
0
0
none
0
0
1
ISO 15765-4
0
1
0
SAE J1939
Other combinations are reserved for future updates – results will
be unpredictable if you should select one of them.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com