| Electronic Components Datasheet Search |
|
ELM329LP Datasheet(PDF) 62 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM329LP Datasheet(HTML) 62 Page - ELM Electronics |
|
62 / 87 page ![]() 62 of 87 ELM329L DSA Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com ELM329L Low Power Mode Often, the ELM329 is connected to a vehicle for only a short time, so power consumption is not of great concern. Occasionally, the ELM329 may be connected for longer times, however, possibly without the engine running. For these applications, it is often desirable to be able to put the circuit into a low power ‘standby’ state, and have it return to normal operation when needed. The power control features of the ELM329 are provided for this. There are four ways in which the ELM329 can be placed into the low power standby mode (these are shown pictorially in Figure 6 below). They all require that the master enable bit (bit 7 of PP 0E) be set to ‘1’ for them to function (which it is by default). The first method is with an AT command. Simply send ‘AT LP’ at the prompt: >AT LP and the ELM329 will go to the low power mode after a one second delay (which gives the controlling circuit a little time to perform some housekeeping tasks). When the ELM329 goes to the low power mode, it first turns all five LED outputs off, then switches pin 14 Figure 6. Enabling the Low Power Mode Go to Low Power 65 msec debounce AT LP command IgnMon (pin 15) 1 sec delay 2 or 10 minute delay b6* RS232 Rx (pin 18) input is quiet b7 b7* b5* 1 min remaining b7 b2 print LP ALERT b7 2 sec delay 5 or 20 minute delay b4 CAN Monitor (pin 11) idle (at prompt) b7 b5 b3 1 min remaining print ACT ALERT not monitoring activity monitor activity monitor voltage monitor voltage is low input is quiet print ACT ALERT Note: Bits with an asterisk (*) are for PP 0F. All other bits are for PP 0E. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |