Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 66 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 66 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 62Page - ELM Electronics ELM329LP Datasheet HTML 63Page - ELM Electronics ELM329LP Datasheet HTML 64Page - ELM Electronics ELM329LP Datasheet HTML 65Page - ELM Electronics ELM329LP Datasheet HTML 66Page - ELM Electronics ELM329LP Datasheet HTML 67Page - ELM Electronics ELM329LP Datasheet HTML 68Page - ELM Electronics ELM329LP Datasheet HTML 69Page - ELM Electronics ELM329LP Datasheet HTML 70Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 87 page
background image
66 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
Programmable Parameters (continued)
command, so if you change its value, you may not be
able to undo your change. In this case, your only
recourse may be to force all of the PPs off with a
hardware trick.
When the ELM329 first powers up, it looks for a
jumper between pin 28 (the OBD Tx LED output) and
circuit common (VSS). If a jumper is in place, it will turn
off all of the PPs for you, restoring the IC to the factory
defaults. To use this feature, simply connect a jumper
to circuit common (which appears in numerous places
- pins 8 or 19 of the ELM329, pin 5 of the RS232
connector, one end of most capacitors, or at the OBD
connector), then hold the other end of the jumper to
pin 28 while turning the power on. When you see the
RS232 Rx LED begin to flash quickly, remove the
jumper – the PPs are off.
This feature should only be used when you get
into trouble too deeply, and it’s your only choice (since
putting a jumper into a live circuit might cause damage
if you put it in the wrong place).
06
OBD Source (Tester) Address. Not used for J1939 protocols.
F1
R
07
I
Last Protocol to try during automatic searches
09
PP
Description
Values
Default
Type
01
Printing of header bytes (AT H default setting)
D
03
NO DATA timeout time (AT ST default setting)
setting = value x 4.096 msec
00 to FF
19
(102 msec)
D
09
Character echo (AT E default setting)
R
0A
Linefeed Character
0A
R
00
Perform AT MA immediately after powerup or reset
FF
(OFF)
R
00
(ON)
00 = ON
FF = OFF
00 to FF
01 to 0F
00 to FF
FF
(OFF)
00 to 02
01
D
04
Default Adaptive Timing mode (AT AT setting)
00 = ON
FF = OFF
00 = ON
FF = OFF
Programmable Parameter Summary
The following pages provide a list of the currently
available Programmable Parameters. If a PP number
is not shown in this table, then it does not currently
have a function and it will not affect the operation of
the ELM329. All values shown are hexadecimal - the
ELM329 does not recognize decimal numbers.
Note that the ‘Type’ column indicates when any
changes will take effect. The four possible values are
as shown to the right:
I - the effect is Immediate,
D - takes effect after Defaults are restored
(AT D, AT Z, AT WS, MCLR or power off/on)
R - takes effect after a Reset
(AT Z, AT WS, MCLR or power off/on)
P - needs a Power off/on type reset
(AT Z, MCLR, or power off/on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com