Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 80 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 80 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 76Page - ELM Electronics ELM329LP Datasheet HTML 77Page - ELM Electronics ELM329LP Datasheet HTML 78Page - ELM Electronics ELM329LP Datasheet HTML 79Page - ELM Electronics ELM329LP Datasheet HTML 80Page - ELM Electronics ELM329LP Datasheet HTML 81Page - ELM Electronics ELM329LP Datasheet HTML 82Page - ELM Electronics ELM329LP Datasheet HTML 83Page - ELM Electronics ELM329LP Datasheet HTML 84Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
80 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Modifications for Low Power Standby Operation
Using an ELM329L integrated circuit rather than
an ELM329 offers several advantages. One of these is
the ability to operate at lower power supply currents.
This may not always be of primary concern, but if you
are considering building a device that may stay
connected to your vehicle, you should consider this, as
excessive power drain during vehicle off times will
cause battery problems.
The following discusses some of the design
decisions that we made in creating the suggested
circuit of Figure 9. That schematic has been repeated
in Figure 15, with the main changes highlighted with
numbered ‘bubbles’.
The first decision was to use an ELM329L rather
than an ELM329. This results in both lower operating
currents and lower idle current (when in low power
mode). The circuit does require an extra component
(C9) in order to do this.
Bubble 2 highlights our use of higher value voltage
divider resistors. A 47K/10K divider would continuously
use about 0.2 mA, which is significant when in low
power mode. We chose to increase these resistor
values by a factor of 10, in order to reduce the current
by that same factor. The cost is a slight degradation in
the accuracy of the voltage readings dues to the input
leakage currents. If you do not wish to measure the
battery voltage, you may wish to eliminate R10, R11
and C10 altogether. Don’t forget to tie pin 2 to either
VDD or circuit common if you do.
The next bubble (‘3’) shows our use of a low
quiescent current regulator rather than a typical 7805
type unit. This decision saves several mA of current
that is required to maintain bias for the internal circuit.
There is a cost with this however - the regulator is not
stable without a minimum load capacitance (so you
have to add C4).
Bubbles ‘4’ and ‘5’ show how we have returned
both R6 and R9 to pin 16 rather than circuit common.
This allows the ELM329L to turn off the PWR led, and
reduce
the
CAN
transceiver
current
while
the
ELM329L is dormant. Be careful doing this however, if
you wish to have the circuit wake up on CAN activity -
some manufacturer’s transceivers do not pass on the
received CAN signal when they are in low power
mode.
The final change (bubble ‘6’) shows our choice of
an
MCP2561
CAN
transceiver
rather
than
an
MCP2551. The ‘2561 device is an improved version
that is recommended for new designs.
To see just how effective these changes are, we
made a few in-circuit measurements, and present
them here. With 12.0V applied at ‘Battery Positive’, the
measured current was typically:
base current (on the bench) = 16.7 mA
when simply powered on the bench, with no PC or
ECU connected.
If you then connect it to a vehicle and a computer,
the current typically rises to:
base current (in the vehicle) = 23.5 mA
which is largely due to the Active LED being on. When
actually monitoring data, this current rises further, as
the OBD Rx and RS232 Tx LEDs are on, and there
are switching losses. We measured :
active current (in the vehicle) = 36.5 mA
in that case.
The “Low Power Mode” of operation section (page
62) discussed the ways in which you might initiate low
power operation, but the easiest is to use the low
power command (AT LP). After sending this, the total
circuit current for is typically:
current after AT LP = 0.19 mA
Out of interest, if the MCP2561 is replaced with
the older MCP2551, low power current is typically:
current after AT LP (with MCP2551) = 0.44 mA
which is low, but not quite as good as with a newer
MCP2561.
The 0.19 mA measured is a very low current, and
is likely all you need for most applications. Note that
whether the Active LED is set to flash or not (by PP 0F
or pin 11) has very little influence on this current as it
uses an average of about 25 µA. Similarly, the CAN
Monitor typically only uses about 20 µA during low
power operation, so does not appreciably affect the
total current.
It is difficult to reduce the standby current further
than this, but for almost all applications reducing the
10’s of mA constant draw to a fraction of a milliAmp
should be more than sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com