Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 20 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 20 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 16Page - ELM Electronics ELM329LP Datasheet HTML 17Page - ELM Electronics ELM329LP Datasheet HTML 18Page - ELM Electronics ELM329LP Datasheet HTML 19Page - ELM Electronics ELM329LP Datasheet HTML 20Page - ELM Electronics ELM329LP Datasheet HTML 21Page - ELM Electronics ELM329LP Datasheet HTML 22Page - ELM Electronics ELM329LP Datasheet HTML 23Page - ELM Electronics ELM329LP Datasheet HTML 24Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
20 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Descriptions (continued)
even after the power is turned off. This can be
convenient if the IC is often used for one particular
protocol, as that will be the first one attempted when
next powered on. To enable this memory function, it is
necessary to either use an AT command to select the
M1 option, or to have chosen ‘memory on’ as the
default power on mode (by connecting pin 5 of the
ELM329 to a high logic level).
When the memory function is enabled, each time
that the ELM329 finds a valid OBD protocol, that
protocol will be memorized (stored) and will become
the new default. If the memory function is not enabled,
protocols
found
during
a
session
will
not
be
memorized, and the ELM329 will always start at power
up using the same (last saved) protocol.
If the ELM329 is to be used in an environment
where the protocol is constantly changing, it would
likely be best to turn the memory function off, and
issue an AT SP 0 command once. The SP 0 command
tells the ELM329 to start in an 'Automatic' protocol
search mode, which is the most useful for an unknown
environment. ICs come from the factory set to this
mode. If, however, you have only one vehicle that you
regularly connect to, storing that vehicle’s protocol as
the default would make the most sense.
The default setting for the memory function is
determined by the voltage level at pin 5 during power
up (or system reset). If it is connected to a high level
(VDD), then the memory function will be on by default.
If pin 5 is connected to a low level, the memory saving
will be off by default.
MA
[ Monitor All messages ]
This command places the ELM329 into a bus
monitoring mode, in which it continually monitors for
(and displays) all messages that it sees on the OBD
bus. It is a quiet monitor, not sending Acknowledge
bits or Wakeup (CAN periodic) messages. Monitoring
will continue until it is stopped by activity on the RS232
input, or the RTS pin.
To stop the monitoring, simply send any single
character to the ELM329, then wait for it to respond
with a prompt character (‘>’), or a low level output on
the Busy pin. (Setting the RTS input to a low level will
interrupt the device as well.) Waiting for the prompt is
necessary as the response time varies depending on
what the IC was doing when it was interrupted. If for
instance it is in the middle of printing a line, it will first
complete that line then return to the command state,
issuing the prompt character. If it were simply waiting
for input, it would return immediately. Note that the
character which stops the monitoring will always be
discarded, and will not affect subsequent commands.
All messages that are received by the ELM329 will
be printed as found, even if the CAN auto formatting is
on. Normally, the automatic formatting will clean up
what is displayed, hiding errors, improperly formatted
messages, etc. but when monitoring, you will see all
messages that pass through the receive filter, and the
error messages.
If the filter and/or mask are set (with the CF, CM or
CRA commands) before sending AT MA, then the data
displayed will be restricted to only those messages
that meet the criteria. This is normally desired, but
occasionally brings unexpected results when users are
not aware. If you truly want to see all data, then you
may want to be sure there is no filtering of data (send
AT CRA before the AT MA).
The MA monitoring command operates by closing
the current protocol (an AT PC is executed internally),
then configuring the IC for silent monitoring of the data
(no wakeup messages, or acknowledges are sent by
the ELM329). When the next OBD command is to be
transmitted, the protocol will again be initialized, and
you may see messages stating this. ‘SEARCHING...’
may also be seen, depending on what changes were
made while monitoring.
MP hhhh
[ Monitor for PGN hhhh ]
The AT MA command is quite useful for when you
wish to monitor for a specific byte in the header of an
OBD message. For the SAE J1939 Protocol, however,
it is often desirable to monitor for the multi-byte
Parameter Group Numbers (or PGNs), which can
appear in either the header, or the data bytes. The MP
command is a special J1939 only command that is
used to look for responses to a particular PGN
request.
Note that this MP command lets you set four of the
six PGN digits, but provides no means to set the first
two digits, so they are always assumed to be 00. For
example, the DM2 PGN has an assigned value of
00FECB (see SAE J1939-73). To monitor for DM2
messages, you would issue AT MP FECB, eliminating
the 00, since the MP hhhh command always assumes
that the PGN is preceded by two zeros.
This command is only available when a protocol
has been selected for SAE J1939 formatting. It returns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com