Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 77 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 77 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 73Page - ELM Electronics ELM329LP Datasheet HTML 74Page - ELM Electronics ELM329LP Datasheet HTML 75Page - ELM Electronics ELM329LP Datasheet HTML 76Page - ELM Electronics ELM329LP Datasheet HTML 77Page - ELM Electronics ELM329LP Datasheet HTML 78Page - ELM Electronics ELM329LP Datasheet HTML 79Page - ELM Electronics ELM329LP Datasheet HTML 80Page - ELM Electronics ELM329LP Datasheet HTML 81Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
77 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Figure 10. Parts List for Figure 9
Example Applications (continued)
communications interfaces that may be of interest if
you are considering modifying the circuit. Also, be sure
to read our Application Note AN04 for a discussion on
connecting with Bluetooth (the ELM327 information
applies to the ELM329 as well).
Figure 11 shows a very basic RS232 interface that
may be connected directly to pins 17 and 18 of the
ELM329. This circuit ‘steals’ power from the host
computer in order to provide a full swing of the RS232
voltages without the need for a negative supply. This
circuit is limited to data rates of about 57.6Kbps, but
has the advantage that it uses common components
and does not require a special integrated circuit. Since
this circuit does not create large current transients, the
power supply requirements are less, and you could
likely reduce Figure 9’s C2 to 2.2µF, and C4 to 10µF.
The circuit of Figure 12 offers another RS232
solution that works well at higher baud rates. It uses a
Maxim product (the MAX3222E) that is capable of
operating at up to a 250 kbps rate (be sure to visit
www.maximintegrated.com for more information).
The
MAX3222E
RS232
transceiver
contains
internal charge pump circuitry that generates the
voltages required for RS232 communications, in
addition to the analog interface circuitry needed. All
you have to do is provide a few capacitors, and it does
Semiconductors
D1 = 1N4001
D2 = 1N5232B or SA5.0AG TVS
D3 = 1N4148
L1, L2, L3, L4, L5 = Yellow LED
L6 = Green LED
U1 = ELM329L (CAN Interpreter)
U2 = MCP2561 (CAN Transceiver)
U3 = LP2950 (5V, 100mA regulator)
U4 = FTDI DBP-USB-D5-F usb module
Misc
X1 = 4.000MHz crystal
ELM329L Socket = 28pin 0.3” wide DIP
Resistors (1/8W or greater)
R1, R2, R3, R4, R5, R6 = 470
Ω
R7, R8 = 100
Ω
R9, R12 = 4.7 K
Ω
R10 = 470 K
Ω
R11 = 100 K
Ω
Capacitors (16V or greater, except as noted)
C1 = 0.1 µF 50V
C2 = 10 µF 50V
C3, C11 = 0.1 µF
C4 = 33 µF 10V
C5, C6 = 27 pF
C7, C8 = 560 pF 50V
C9 = 10 µF (see text)
C10 = 0.01µF
Figure 11. A Low Speed
RS232 Interface (
≤ 57.6 kbps)
2 (RxD)
RS232
Interface
(DB9F)
+5V
+5V
3 (TxD)
5 (SG)
1 (DCD)
4 (DTR)
6 (DSR)
7 (RTS)
8 (CTS)
4.7K
Ω
10K
Ω
10K
Ω
0.1µF
4.7K
Ω
10K
Ω
+5V
15
16
17
18
19
329
2N3904
2N3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com