Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 64 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 64 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 60Page - ELM Electronics ELM329LP Datasheet HTML 61Page - ELM Electronics ELM329LP Datasheet HTML 62Page - ELM Electronics ELM329LP Datasheet HTML 63Page - ELM Electronics ELM329LP Datasheet HTML 64Page - ELM Electronics ELM329LP Datasheet HTML 65Page - ELM Electronics ELM329LP Datasheet HTML 66Page - ELM Electronics ELM329LP Datasheet HTML 67Page - ELM Electronics ELM329LP Datasheet HTML 68Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
The final method to wake the ELM329 is with a
low to high signal level transition at the IgnMon input. If
this is wired (through resistors) to a 12V signal that is
controlled by the ignition switch, then turning on the
ignition will also turn on the ELM329 circuit.
No matter how the ELM329 is brought back to full
power operation, it will always restore pin 14 first,
followed 50 msec later by pin 16, and then it will wait 1
second before proceeding with the startup. This 1 sec
period gives your external circuitry a little time to start
up before being expected to be fully functional. After
the 1 second period, the ELM329 will perform a partial
warm start (AT WS) and be ready for operation. We
say partial because several settings are not altered by
the wakeup (they were with v1.0). The settings that
Figure 7. Returning to Normal Operation
64 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
Low Power Mode (continued)
remain unchanged are:
AT0, AT1, AT2
CAF0, CAF1
CEA
CFC0, CFC1
CSM0, CSM1
D0, D1
E0, E1
JTM1, JTM5
H0, H1
L0, L1
M0, M1
R0, R1
S0, S1
In addition, the protocol number is not reset (but
the protocol is closed).
This has discussed some of the aspects of using
the Power Control feature, from a logical perspective.
Also refer to the ‘Modifications for Low Power Standby
Operation’ section (page 80) for some of the electrical
design considerations.
128 µsec min
pulse width
b1
1 sec
delay
(partial)
warm start
Go to
Full Power
RS232 Rx
(pin 18)
IgnMon
(pin 15)
1 or 5 sec
delay
rising edge
(
) detector
CAN Monitor
(pin 11)
activity
monitor
low level
at input
CAN was active
before low power
b3*
rising edge
(
) detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com