Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 67 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 67 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 63Page - ELM Electronics ELM329LP Datasheet HTML 64Page - ELM Electronics ELM329LP Datasheet HTML 65Page - ELM Electronics ELM329LP Datasheet HTML 66Page - ELM Electronics ELM329LP Datasheet HTML 67Page - ELM Electronics ELM329LP Datasheet HTML 68Page - ELM Electronics ELM329LP Datasheet HTML 69Page - ELM Electronics ELM329LP Datasheet HTML 70Page - ELM Electronics ELM329LP Datasheet HTML 71Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
67 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
Programmable Parameter Summary (continued)
P
RS232 baud rate divisor.
baud rate (in kbps) = 4000 ÷ (PP 0C value)
Here are some example baud rates, and the hex divisor to be used:
68
(38.4)
01 to FF
0C
Notes:
1. The PP 0C value must be set using hex digits. The decimal
values are only shown for your convenience.
2. The ELM329 can only process continuous byte receives at
rates of about 700 kbps or less. If you need to connect at a
higher rate, delays will be required between the byte sends.
3. A value of 00 provides a baud rate of 9600 bps.
PP
Description
Values
Default
Type
0D
Carriage Return Character
used to detect and send line ends
R
0D
00 to FF
0E
9A
(10011010)
00 to FF
Power Control options
Each bit of this byte controls an option, as follows:
b7: Master enable
0: off
1: on
if 0, pins 15 and 16 perform as RTS and Busy
(must be 1 to allow any low power functions)
b6: Pin 16 full power level
0: low
1: high
normal output level, is inverted when in low power mode
b5: Auto LP (RS232) control
0: disabled
1: enabled
allows low power mode if the RS232 activity stops
b4: Auto LP (RS232) timeout
0: 5 mins
1: 20 mins
no RS232 activity timeout setting
b3: Auto LP (RS232) warning
0: disabled
1: enabled
if enabled, says ‘ACT ALERT’ 1 minute before timeout
b2: Ignition control
0: disabled
1: enabled
allows low power mode if the IgnMon input goes low
b1: Ignition delay
0: 1 sec
1: 5 sec
delay after IgnMon (pin 15) returns to a high level, before
normal operation resumes
b0: reserved for future - leave set at 0
R
Baud Rate
(kbps)
38.4
57.6
115.2
230.4
PP 0C value
500
68
45
23
11
08
104
69
35
17
8
hex
dec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com