Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 60 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 60 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 56Page - ELM Electronics ELM329LP Datasheet HTML 57Page - ELM Electronics ELM329LP Datasheet HTML 58Page - ELM Electronics ELM329LP Datasheet HTML 59Page - ELM Electronics ELM329LP Datasheet HTML 60Page - ELM Electronics ELM329LP Datasheet HTML 61Page - ELM Electronics ELM329LP Datasheet HTML 62Page - ELM Electronics ELM329LP Datasheet HTML 63Page - ELM Electronics ELM329LP Datasheet HTML 64Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
60 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
CAN (Single Wire) Transceiver Modes
The ELM329 was designed with two wire CAN
(OBDII) applications in mind, but there is no reason
that it can not be used for single wire CAN applications
(SAE J2411, etc.), as well. The data format remains
much the same on the CAN networks - it is really the
physical interface that differs.
Single wire CAN transceiver chips are available
and should be used when connecting the ELM329 to
single wire CAN networks. These ICs usually provide
mode inputs which are used to change the state of the
device - to put it into low power sleep mode, set the
output to high voltage (12V) mode, etc. The table
below shows the four modes typically supported by
single wire CAN transceiver ICs, and the mode inputs
most often used for each.
TM
#
M1
(pin 21)
M0
(pin 22)
Mode
0
1
2
3
Sleep
High Speed
High Voltage Wakeup
Normal
0
0
1
1
1
1
0
0
The ELM329 provides two output pins (M0 and
M1) that may be used to set the modes for a single
wire CAN transceiver. After every reset or AT D
command, the level at pins 21 and 22 will be set
according to PP 20. Note that firmware v1.0 set these
pins to a low level (mode = sleep) when the IC went to
low power mode, but the ELM329 no longer changes
the setting while in low power mode.
The M0 and M1 pin levels are controlled with the
Transceiver Mode commands. For example, if you
wish to put the transceiver into the high voltage
wakeup mode, simply send;
>AT TM 2
OK
and to restore the mode to normal, send:
>AT TM 3
OK
If you do not require these pins for a single wire
CAN application, they may be used as general
purpose outputs., much like the Control output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com