Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 74 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 74 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 70Page - ELM Electronics ELM329LP Datasheet HTML 71Page - ELM Electronics ELM329LP Datasheet HTML 72Page - ELM Electronics ELM329LP Datasheet HTML 73Page - ELM Electronics ELM329LP Datasheet HTML 74Page - ELM Electronics ELM329LP Datasheet HTML 75Page - ELM Electronics ELM329LP Datasheet HTML 76Page - ELM Electronics ELM329LP Datasheet HTML 77Page - ELM Electronics ELM329LP Datasheet HTML 78Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
74 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Microprocessor Interfaces (continued)
Upgrading Versions
7
9
10
11
12
13
14
15
16
17
18
19
20
21
+3.3V
+5V
n.c.
+5V
your microprocessor
Tx
Rx
Tx
Rx
ADuM1201
Busy RTS
329
8
1
2
3
4
5
6
7
8
+5V
+3.3V
A popular question that we receive is “Can I
upgrade my firmware with a file download?”. The
answer to this is no, the ELM329 can not be upgraded
in this way - your integrated circuit must be replaced.
The next question which usually follows is “Can I
simply replace an old ELM329 chip with a new one to
upgrade the firmware?”
The answer to this last question is basically yes.
We say basically because many circuits use the
surface mount version of the ELM329, so the IC is
soldered in, not socketed. You may need special tools
(a hot air gun, etc.) to replace the IC in that case.
Physically, all pin connections are the same. Note that
you can not replace an ELM329 IC with an ELM329L
without modifying the wiring to pin 6.
If you think that there is a chance that you may
upgrade the IC in the future, you may wish to design
your circuit using the PDIP version, and a socket.
signals off, so you will need to change that (possibly
disabling the low power mode) in order to use them.
We are often asked about connecting an ELM329
that is operating at 5.0V to 3.3V logic. Many hope that
they can just insert a resistor or two and have it work.
Unfortunately, that is not the case, mostly because the
ELM329 has Schmitt waveshaping on the RS232 Rx
input (pin 18), and so may need as much as 4V for a
high input when the ELM329’s VDD is 5V.
For proper interfacing between two different VDD’s,
we recommend using a level translator circuit. Some
examples are the TXB0102 from Texas Instruments
(www.ti.com), the ST2129 from ST Microelectronics
(www.st.com), or the ADuM1201 from Analog Devices
(www.analog.com) as shown here. We have been
using the ADuM1201 with the Raspberry Pi lately,
because it offers galvanic isolation (to 2500 Vrms) in
addition to the level translation, so protects the Pi from
occasional wiring problems. The one disadvantage
with the ‘1201 over the others is that it draws about 1
mA, which may be an issue if you are trying to
minimize the currents during low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com