Electronic Components Datasheet Search
  English  ▼

X  

ELM329LP Datasheet(PDF) 61 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 61 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 57Page - ELM Electronics ELM329LP Datasheet HTML 58Page - ELM Electronics ELM329LP Datasheet HTML 59Page - ELM Electronics ELM329LP Datasheet HTML 60Page - ELM Electronics ELM329LP Datasheet HTML 61Page - ELM Electronics ELM329LP Datasheet HTML 62Page - ELM Electronics ELM329LP Datasheet HTML 63Page - ELM Electronics ELM329LP Datasheet HTML 64Page - ELM Electronics ELM329LP Datasheet HTML 65Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
61 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
The CAN Monitor (pin 11)
Version 2.0 of the ELM329 introduced a CAN
monitor module that could be used to control the
switching to and from the Low Power mode. The
module uses an internal counter to continually monitor
the signal from the CAN transceiver, so it is not subject
to the same constraints that a software (polling)
monitor would experience.
The CAN Monitor counter is typically checked
every 20 msec to see if there has been any activity. If
eight or more rising edges were detected (about 400
Hz), the ELM329 will consider the input to be active,
and will remember this. Should activity stop, this can
initiate the Low Power mode of operation (see the
section following). Similarly, if CAN activity is stopped
while in Low Power mode, the reappearance of a
signal can cause a switch to the normal (full power)
mode. While you are able to stop the switch to low
power on the loss of CAN activity (PP 0F, bit 7), the
circuit will always return to normal should the CAN
Control Module Operation
The ELM329 provides two general purpose inputs
and one general purpose output that you may use for
your own control applications.
The two inputs are provided for monitoring signals
that you connect. They both have Schmitt trigger
wave-shaping on the input so can accommodate even
the slowest moving signals. These inputs should also
be protected from voltages which exceed the supply
limits (usually a series resistance is all that is need for
this).
Reading the level at an input is simply a matter of
sending the appropriate AT command. For pin 12,
send:
>AT IN1
0
and the ELM329 reports the logic level at the input (‘0’
in this case). Similarly, the level at pin 13 is read with:
>AT IN2
1
The Control output (pin 4) may be set to a high or
low level at any time with the AT C command. After a
power on reset, the Control output is always reset to a
low level.
To set the Control output high, simply send:
>AT C1
and to set it low, send:
>AT C0
Note that the Control output can also be selected
to show the internal CAN activity signal (as determined
by the CAN Monitor at pin 11). Simply set PP 0F bit 0
to ‘1’ in order to enable it.
There are no restrictions on how you use these
inputs and the output. You may wish to control a
buzzer, perhaps an LED, or to monitor a switch input,
or voltage level - it’s up to you.
signal reappear while the ELM329 is ‘sleeping’ (this
can not be blocked).
The signal presented to pin 11 does not have to
be from a CAN system. If you prefer, you might
connect another signal such as a tachometer or
speedometer output. This input has Schmitt trigger
waveshaping, advances the counter on the rising edge
of the waveform, and can detect pulses as narrow as
30 nsec.
Note that this input also performs a dual function.
Should no CAN activity be detected on the pin prior to
switching to Low Power mode, the flashing of the
Active LED while in Low Power mode will be
determined by the level on the pin (high = flash for
16 msec every 4 seconds, low = off). If there was CAN
activity, then PP 0F bit 4 controls this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com