Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 36 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 36 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 32Page - ELM Electronics ELM329LSM Datasheet HTML 33Page - ELM Electronics ELM329LSM Datasheet HTML 34Page - ELM Electronics ELM329LSM Datasheet HTML 35Page - ELM Electronics ELM329LSM Datasheet HTML 36Page - ELM Electronics ELM329LSM Datasheet HTML 37Page - ELM Electronics ELM329LSM Datasheet HTML 38Page - ELM Electronics ELM329LSM Datasheet HTML 39Page - ELM Electronics ELM329LSM Datasheet HTML 40Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
Setting the Header / ID Bits
The emissions related diagnostic trouble codes
that most people are familiar with are described in the
SAE J1979 standard (ISO15031-5). They represent
only a portion of the data that a vehicle may have
available – much more can be obtained if you are able
to be more specific with your requests.
Accessing most OBDII diagnostics information
requires that requests be made to what is known as a
a ‘functional address.’ Any processor that supports the
function will respond to the request and, theoretically,
many different processors can respond to a single
functional request. In addition, every processor (or
ECU) will also respond to what is known as their
physical address. It is this physical address that
uniquely identifies each module in a vehicle, and
permits you to direct more specific queries to only one
particular module. To direct the queries to a specific
address requires changing the values that the ELM329
uses for the header (ID bits).
The ID bits in an ISO 15765-4 header may follow
one of two different formats - an 11 bit one, and a 29
bit one. First, consider the 29 bit standard, which has a
structure that is very similar to the header structure of
older OBD protocols (J1850, etc.).
There are two ways that you may use to define the
value that the ELM329 uses for a 29 bit header. The
first is to simply provide all of the bits as 4 bytes, or 8
hex digits, using the Set Header command:
>AT SH ww xx yy zz
5 bits
only
xx
yy
zz
ww
29 bit ID
Setting a 29 bit (extended) CAN ID
The ELM329 will ignore the first three bits, leaving
29 that are then used for the messages.
The second way (which is how the ELM327 does
it) is to change the values in two steps. In this method,
the ELM329 splits the 29 bits into a CAN Priority byte
and three header bytes. This makes it a little quicker to
change only one portion of the header (usually, it is the
priority bits that do not change). The two are then
combined by the ELM329 into a 29 bit value that it is
able to use. To set the header in this way, simply use
the CAN Priority and Set Header commands:
>AT SH xx yy zz
>AT CP ww
ww
xx
yy
zz
5 bits only
xx
yy
zz
ww
29 bit ID
Setting a 29 bit (extended) CAN ID
The ISO 15765-4 CAN standard defines each of
the above ‘byte’ values for diagnostics. The priority
byte (‘ww’ in the diagrams) will always be 18 (this is
the default value used by the ELM329). The next byte
(‘xx’) describes the type of message that this is, and is
set to hex DB for functional addressing, and to DA if
using physical addressing. The final two bytes are
used in a way that is very similar to other standards –
‘yy’ is the receiver (or Target Address), and ‘zz’ is the
transmitter (or Source Address). For the functional
requests, the receiver is always 33, and the transmitter
is F1 (which is very similar to ISO 14230-4).
The other header structure that the CAN standard
defines uses an 11 bit ID (and is likely the most
common system in use today). The ELM329 uses a
special 3 digit version of the Set Header command in
order to set these bits:
x
y
z
11 bit ID
>AT SH xyz
Setting an 11 bit (standard) CAN ID
In this case, the ELM329 uses the 11 least
significant (‘right-most’) bits of the provided header
bytes, and ignores the most significant bit.
The 11 bit ISO 15765-4 CAN standard typically
makes functional requests (ID/header = 7DF), but
36 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com