Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 75 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 75 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 71Page - ELM Electronics ELM329LSM Datasheet HTML 72Page - ELM Electronics ELM329LSM Datasheet HTML 73Page - ELM Electronics ELM329LSM Datasheet HTML 74Page - ELM Electronics ELM329LSM Datasheet HTML 75Page - ELM Electronics ELM329LSM Datasheet HTML 76Page - ELM Electronics ELM329LSM Datasheet HTML 77Page - ELM Electronics ELM329LSM Datasheet HTML 78Page - ELM Electronics ELM329LSM Datasheet HTML 79Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
Figure 8. The J1962 Vehicle Connector
8
1
9
16
75 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Example Applications
The SAE J1962 (ISO 15031-3) standard dictates
that all OBD compliant vehicles must provide a
standard connector near the driver’s seat, the shape
and pinout of which is shown in Figure 8 below. The
circuitry described here can be used to connect to this
J1962 plug without modification to your vehicle.
The male J1962 connector required to mate with a
vehicle’s connector may be difficult to obtain in some
locations, and you might be tempted to improvise by
making your own connections to the back of your
vehicle’s connector. If doing so, we recommend that
you do nothing that would compromise the integrity of
your vehicle’s OBD network. The use of any connector
which could easily short pins (such as an RJ11 type
telephone connector) is definitely not recommended.
The circuit on page 76 (Figure 9) shows how the
ELM329 might typically be used. Circuit power is
obtained from the vehicle via OBD pins 16 and 5, and
after a protecting diode and some capacitive filtering,
is presented to a five volt regulator. (Note that a few
vehicles have been reported to not have a pin 5 – on
these you will need to use pin 4 instead of pin 5.) The
regulator powers several points in the circuit as well as
an LED (for visual confirmation that power is present).
We have shown an LP2950 for the regulator as that
type has very low quiescent current which is important
if you are going to use the low power feature of the
ELM329.
Note that there are some rather large capacitors
(C2 and C4) shown on the input and the output of the
regulator.
Without
these
capacitors,
you
might
experience ‘LV RESET’s (for example, a MAX3222E
transceiver creates large transients as it is switched on
and off so needs this). Testing has shown that the
values shown for C2 and C4 should be adequate in
most cases, but if you do see the occasional ‘LV
RESET’, you may want to increase them further.
The FTDI serial to USB converter shown handles
all
of
the
RS232
communications
between
the
ELM329 and the controlling computer. It is capable of
very high speed communications so is a good choice
for most applications. We have added diode D3 and
resistor R12 to this circuit to reduce backfeeds from
the USB system (without them, the FTDI interface is
able to provide enough current to at least partially
power the ELM329 circuit).
The top left corner of Figure 9 shows the CAN
interface circuitry. We do not advise making your own
interface using discrete components – CAN buses
may have a lot of critical information on them, and you
can easily do more harm than good if you fail. It is
strongly recommended that you use a commercial
transceiver chip as shown. The Microchip MCP2561 is
used in our circuit, but most major manufacturers also
produce CAN transceiver ICs – look at the NXP
PCA82C251, the Texas Instruments SN65LBC031,
the infineon TLE7250G, and the Linear Technology
LT1796, to name only a few others. Be sure to pay
attention to the voltage limits – depending on the
application the IC may have to tolerate 24V, and not
just 12V.
The voltage monitoring circuitry for the AT RV
command is shown connected to pin 2 of the ELM329.
The two resistors (R10 & R11) simply divide the
battery voltage to a safe level for the ELM329, and the
capacitor (C10) filters out noise. As shipped, the
ELM329 expects a resistor divider ratio as shown, and
sets nominal calibration constants assuming that. If
your application needs a different range of values,
simply choose the resistor values to maintain the input
within the specified 0-5V limit, and then perform an AT
CV to calibrate the ELM329 to your new divider ratio.
The maximum voltage that the ELM329 can show is
99.9V.
A 10µF capacitor (C9) is shown connected to pin 6
of the ELM329L. This is required for filtering of the IC’s
internal 3.3V supply. Choose a low ESR (<5
Ω)
ceramic or tantalum type.
The only remaining components are the LEDs and
the crystal. The LEDs are standard ones, and may be
any colour that you require - we only offer suggestions
here. The crystal is a 4.000MHz microprocessor type,
while the 27pF loading capacitors shown are typical
only, (you may have to select other values depending
on what is specified for the crystal that you use). This
crystal frequency is critical to the circuit operation and
must not be altered. Do not substitute a resonator for
the crystal, as it will not have the accuracy required.
As always, you are not limited to the circuit of
Figure 9. It is only a starting point that you can build
on. The following pages show some alternative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com