Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 38 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 38 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 34Page - ELM Electronics ELM329LSM Datasheet HTML 35Page - ELM Electronics ELM329LSM Datasheet HTML 36Page - ELM Electronics ELM329LSM Datasheet HTML 37Page - ELM Electronics ELM329LSM Datasheet HTML 38Page - ELM Electronics ELM329LSM Datasheet HTML 39Page - ELM Electronics ELM329LSM Datasheet HTML 40Page - ELM Electronics ELM329LSM Datasheet HTML 41Page - ELM Electronics ELM329LSM Datasheet HTML 42Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
38 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ISO 15765-4 Message Types
If you are going to be adjusting the header values,
you will likely be experimenting with the data bytes as
well, so should have some knowledge of the message
structures. The ISO 15765-4 standard defines several
message types that may be used with diagnostic
systems. Currently, there are four of them:
SF - the Single Frame
FF - the First Frame (of a multiframe message)
CF - the Consecutive Frame ( “
“ )
FC - the Flow Control frame
The Single Frame message contains storage for
up to seven data bytes in addition to what is known as
a PCI (Protocol Control Information) byte. The PCI
byte is always the first of the data bytes, and tells how
many data bytes are to follow. If the CAN Auto
Formatting option is on (CAF1) then the ELM329 will
create this byte for you when sending, and remove it
for you when receiving. (If the headers are enabled,
you will see it in the responses.)
If you turn the Auto Formatting off (with CAF0), it
is expected that you will provide all of the data bytes to
be sent. For diagnostics systems, this means the PCI
byte and the data bytes. The ELM329 will not modify
your data in any way, except to add extra padding
bytes for you, to ensure that you always send as many
data bytes as are required (eight for ISO 15765).
A First Frame message is used to say that a multi-
frame message is about to be sent, and tells the
receiver just how many data bytes to expect. The
length descriptor is limited to 12 bits, so a maximum of
4095 bytes can be received at once using this method.
Consecutive Frame messages are sent after the
First Frame message to provide the remainder of the
data. Each Consecutive Frame message includes a
single hex digit ‘sequence number’ that is used to
determine the order when reassembling the data. It is
expected that if a message were corrupted and resent,
it could be out of order by a few packets, but not by
more than 16, so the single digit is normally more than
adequate. As an example, the serial number for a
vehicle is a multiframe response:
>0902
014
0: 49 02 01 31 44 34
1: 47 50 30 30 52 35 35
2: 42 31 32 33 34 35 36
The line that begins with 0: is called the ‘First
Frame’. The length (014) was actually extracted from
that line by the ELM329 and printed on the first line as
shown. Following the First Frame line are two
Consecutive Frames (that begin with 1: and 2:). To
learn more details of the exact formatting, you may
want to send a request such as the one above, then
repeat the same request with the headers enabled (AT
H1). This will show the PCI bytes that are actually
used to send these components of the total message.
The Flow Control frame is one that you do not
normally have to deal with. When a First Frame
message is sent as part of a reply, the ELM329 must
tell the sender some technical things (such as how
long to delay between Consecutive Frames, etc.) and
does so by replying immediately with a Flow Control
message. These are predefined by the ISO 15765-4
standard, so can be automatically inserted for you. If
you wish to generate custom Flow Control messages,
then refer to the ‘Altering Flow Control Messages’
section, on page 57.
While you will not generally see Flow Control
frames while querying a vehicle, you may see them if
you are monitoring data requests. If detected, the
ELM329 will display such a line with ‘FC: ’ before the
data, to help you with decoding the information.
There
is
a
final
type
of
message
that
is
occasionally reported, but is not supported by the OBD
diagnostics standard. The (Bosch) CAN standard
allows for the transmission of a data request without
sending any data in the requesting message. To
ensure that the message is seen as such, the sender
also sets a special flag in the message (the RTR bit),
which is seen at each receiver. The ELM329 always
looks for this flag, or for zero data bytes, and may
report to you that a Remote Transmission Request
was detected while monitoring. This is shown by the
characters RTR where data would normally appear,
but only if the CAN Auto Formatting is off, or headers
are enabled. Often, when monitoring a CAN system
with an incorrect baud rate chosen, RTRs may be
seen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com