Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 72 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 72 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 68Page - ELM Electronics ELM329LSM Datasheet HTML 69Page - ELM Electronics ELM329LSM Datasheet HTML 70Page - ELM Electronics ELM329LSM Datasheet HTML 71Page - ELM Electronics ELM329LSM Datasheet HTML 72Page - ELM Electronics ELM329LSM Datasheet HTML 73Page - ELM Electronics ELM329LSM Datasheet HTML 74Page - ELM Electronics ELM329LSM Datasheet HTML 75Page - ELM Electronics ELM329LSM Datasheet HTML 76Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
72 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Maximum CAN Data Rates (continued)
messages do not arrive at a rate that is faster than the
ELM329 can process them in, all messages will be
processed.
You can see from the figure that even for a
500 kbps message with an 11 bit ID, the ELM329
finishes
these
tasks
with
time
to
spare.
The
measurements were taken with actual messages that
had 8 data bytes, the headers displayed, spaces
turned off, and linefeeds turned off. Since ISO15765-4
specifies that messages must be 8 data bytes in length
(filler bytes are added as needed) these times do
represent the typical situation. Actually, from these
numbers the ELM329 should be able to handle 100%
bus loading (which is not a practical situation).
The rate at which OBD messages occur on the
data bus determines the ‘bus loading’. Bus loading is a
utilization factor that is very similar to the duty cycle for
a square wave signal. Ideally, bus loading should be
less than about 30%, but as vehicles become more
complex, this is very difficult to do. Currently, some
vehicles are reported to have 70% bus loads.
Once the ELM329 has placed all of the properly
formatted bytes into the RS232 transmit buffer, it is up
to the controlling computer to fetch them in a timely
fashion. If the bytes are removed at a rate that is
slower than the rate at which the ELM329 is filling it,
the transmit buffer will eventually become full. It does
not matter how big the buffer is, if the rate of removing
bytes from the buffer is slower than the rate of storing
them. When the buffer is full, you will see the dreaded
‘BUFFER FULL’ message, and you will have to start
over.
The ELM329L RS232 transmit buffer is 2048 bytes
in size. Considering that some bytes will be sent while
new messages are being stored, this means that at
40% bus loading, with headers on but spaces and
linefeeds off, you can typically save:
38.4k
115.2k
500k
11 bit/500k
115
155
–
29 bit/250k
104
225
–
messages in the buffer before it becomes full. But
what about that new car with a busy data bus? At 80%
bus loading, you can typically save:
38.4k
115.2k
500k
11 bit/500k
108
123
390
29 bit/250k
91
120
–
messages before it becomes full. Note that there are
no numbers shown in the above charts for some of the
500 kbps entries, as the buffer will not fill up in those
cases.
This amount of storage is more than enough for
almost all OBD requests – the only time that you might
get into trouble is if you are monitoring all messages
on the bus (eg. with the AT MA command) and have
no filters set. In that case, you would need to be sure
that you are removing bytes as fast as you can, and if
that is not enough, consider filtering for only the data
that you wish to see.
When people ask us then, ‘What data rate can the
ELM329 support?’ the answer is not easy, and
depends on many factors. Certainly, there will be
situations in which the IC is not able to get the data out
as fast as you’d like, but that is often due to serial port
limitations (whether through a poor choice of baud
rates, or due to a hardware limitation). If you are
simply obtaining standard OBD information, there is
really no need to choose a high baud rate, as the
‘buffer’ takes care of temporary data storage for you. If
you are trying to ‘push the envelope’, then hopefully
this discussion has helped to give you the necessary
background information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com