Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 10 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 10 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 6Page - ELM Electronics ELM329LSM Datasheet HTML 7Page - ELM Electronics ELM329LSM Datasheet HTML 8Page - ELM Electronics ELM329LSM Datasheet HTML 9Page - ELM Electronics ELM329LSM Datasheet HTML 10Page - ELM Electronics ELM329LSM Datasheet HTML 11Page - ELM Electronics ELM329LSM Datasheet HTML 12Page - ELM Electronics ELM329LSM Datasheet HTML 13Page - ELM Electronics ELM329LSM Datasheet HTML 14Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
Communicating with the ELM329 (continued)
(syntax errors) will always be signalled by a single
question mark. These include incomplete messages,
incorrect AT commands, or invalid hexadecimal digit
strings, but are not an indication of whether or not the
message was understood by the vehicle. One must
keep in mind that the ELM329 is a protocol interpreter
that makes no attempt to assess the OBD messages
for validity – it only ensures that hexadecimal digits
were received, combined into bytes, then sent out the
OBD port, and it does not know if a message sent to
the vehicle was in error.
While processing OBD commands, the ELM329
will continually monitor for either an active RTS input
(if enabled), or an RS232 character received. Either
one can interrupt the IC, quickly returning control to
the user, while possibly aborting any initiation, etc. that
was in progress. After generating a signal to interrupt
the ELM329, software should always wait for either the
prompt character (‘>’ or hex 3E), or a low level on the
Busy output before beginning to send the next
command.
Finally, it should be noted that the ELM329 is not
case-sensitive, so the commands ‘ATZ’, ‘atz’, and
‘AtZ’ are all exactly the same to the ELM329. All
commands may be entered as you prefer, as no one
method is faster or better. The ELM329 also ignores
space characters and all control characters (tab, etc.),
so they can be inserted anywhere in the input if that
improves readability.
One other feature of the ELM329 is the ability to
repeat the last command (AT or OBD) when only a
single carriage return character is received. If you
have sent a command (for example, 01 0C to obtain
the rpm), you do not have to resend the entire
command in order to obtain an update from the vehicle
- simply send a carriage return character, and the
ELM329 will repeat the command for you. The
memory buffer only remembers the previous command
- there is no provision in the current ELM329 to
provide storage for any more.
10 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Please Note:
An issue with the EUSART used in a previous version of the ELM329 resulted in the
possibilty of NULL characters (byte value 00) being inserted into the RS232 data. This
was very rare, but we recommended that software filter for NULL characters and remove
them if found. Although there are no known issues with the ELM329L’s EUSART, we still
recommend that all NULL characters be fitered from data that is received from the
ELM329L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com