Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 71 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 71 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 67Page - ELM Electronics ELM329LSM Datasheet HTML 68Page - ELM Electronics ELM329LSM Datasheet HTML 69Page - ELM Electronics ELM329LSM Datasheet HTML 70Page - ELM Electronics ELM329LSM Datasheet HTML 71Page - ELM Electronics ELM329LSM Datasheet HTML 72Page - ELM Electronics ELM329LSM Datasheet HTML 73Page - ELM Electronics ELM329LSM Datasheet HTML 74Page - ELM Electronics ELM329LSM Datasheet HTML 75Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
71 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
We are occasionally asked what the maximum
data rate is that the ELM329 can handle. This is often
after someone has tried to monitor all data using the
default settings and has received a ‘BUFFER FULL’
error. It is difficult to say exactly what the maximum
rate is, however, as several factors are involved.
The CAN ‘engine’ inside the ELM329 is actually
configured with one receive register that accepts
messages from the CAN data bus, and another that
accepts messages from the first, in a ‘bucket brigade’
fashion. As long as the firmware empties the second
register before the first register needs it, there should
not be any overflow problems with this component.
The ELM329 actually moves the data quickly to
temporary storage, so this is never a problem.
It would be nice if all the firmware had to do was to
empty the second register, and wait for it to fill again,
Maximum CAN Data Rates
but that is not so. It must also check for errors,
possibly queue a CAN response, format the received
message, convert it to ascii, load it into the RS232
transmit
buffer,
do
any
other
processing
that’s
required, and then prepare for the next message.
These tasks can take a considerable time, depending
on what formatting options you have chosen, and the
baud rate that you select.
The
diagram
below
shows
these
processes
grouped into blocks. The times shown are typical, and
as you can see vary with both the length of the CAN
message and the CAN baud rate.
When a CAN message arrives, the ELM329
moves quickly to move the received bytes from the
receive registers. The data is then formatted (as ASCII
bytes) and placed into the RS232 transmit buffer, for
sending to the controlling processor. As long as
CAN Data
message
next message
message from ECU
11 bit/500 = 220 µsec
29 bit/250 = 520 µsec
min time
11 bit/500 = 16 µsec
29 bit/250 = 32 usec
Gap at 40% Bus Loading:
11 bit/500 = 354 µsec
29 bit/250 = 828 µsec
Moving Data
Processing Data
Sending Data
Rx register is empty -
can accept next message
moves and error checks
500k = 50 µsec
250k = 50 µsec
data has been stored
in the send buffer
formatting & conversion
11 bit ID = 138 µsec
29 bit ID = 156 µsec
total send time is typically (in µsec):
38.4k
115.2k
500k
11 bit ID
5180
1740
400
29 bit ID
6475
2175
500
this is a background task - the
ELM329 can do other things at
the same time
ELM329:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com