Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 83 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 83 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 79Page - ELM Electronics ELM329LSM Datasheet HTML 80Page - ELM Electronics ELM329LSM Datasheet HTML 81Page - ELM Electronics ELM329LSM Datasheet HTML 82Page - ELM Electronics ELM329LSM Datasheet HTML 83Page - ELM Electronics ELM329LSM Datasheet HTML 84Page - ELM Electronics ELM329LSM Datasheet HTML 85Page - ELM Electronics ELM329LSM Datasheet HTML 86Page - ELM Electronics ELM329LSM Datasheet HTML 87Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
83 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
LV RESET
The ELM329 continually monitors the VDD supply
to ensure that it is within acceptable limits. If the
voltage should go below the low limit, a ‘brownout
reset’ circuit is activated, and the IC stops all activity.
When the voltage returns to normal, the ELM329
performs a full reset, and then prints LV RESET. Note
that this type of reset is exactly the same as an AT Z
or MCLR reset (but it prints LV RESET instead of
ELM329 v2.1).
This low voltage protection is not only necessary
for the ELM329 to operate properly, but it may also
Provide monitoring for the CAN transceiver IC too.
Note that many transceiver chips require a minimum
operating voltage of 4.5V, while some require a
minimum of 4.75V.
NO DATA
The IC waited for the period of time that was set
by AT ST, and detected no response from the vehicle.
It may be that the vehicle had no data to offer for that
particular PID, that the mode requested was not
supported, that the vehicle was attending to higher
priority issues, or possibly that the filter was set so that
the response was ignored, even though one was sent.
If you are certain that there should have been a
response, try increasing the ST time (to be sure that
you have allowed enough time for the ECU to
respond), or restoring the CAN filter to its default
setting.
<RX ERROR
An error was detected in the received CAN data.
This most often occurs if monitoring a CAN bus using
an incorrect baud rate setting, but it may occur if
monitoring and there are messages found that are not
being acknowledged, or that contain bit errors. The
entire message will be displayed as it was received (if
you have filters set, the received message may not
agree with the filter setting). Try a different protocol, or
a different baud rate.
SEARCHING
This will be displayed when a message has been
provided for transmitting, but a protocol is not yet
considered to be active. When displayed, it means that
the ELM329 is searching for an appropriate protocol to
use. Similarly, the message may be displayed if the IC
Error Messages and Alerts (continued)
is directed to monitor the data bus, and there is no
protocol active.
STOPPED
If any OBD operation is interrupted by a received
RS232 character, or by a low level on the RTS pin, the
ELM329 will print the word STOPPED. If you should
see this response, then something that you have done
has interrupted the ELM329. Note that short duration
pulses on pin 15 may cause the STOPPED message
to be displayed, but may not be of sufficient duration to
cause a switch to low power operation.
The message is printed any time that an OBD task
is interrupted.
UNABLE TO CONNECT
The ELM329 has tried all of the available
protocols, and could not detect a compatible one. This
could be because your vehicle uses an unsupported
protocol, or could be as simple as forgetting to turn the
ignition key on. Check all of your connections, and the
ignition, then try the command again.
?
This is the standard response for a misunderstood
command received on the RS232 input. Usually it is
due to a typing mistake, but it can also occur if you try
to do something that is not appropriate for the protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com