Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 84 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 84 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 79Page - ELM Electronics ELM329LSM Datasheet HTML 80Page - ELM Electronics ELM329LSM Datasheet HTML 81Page - ELM Electronics ELM329LSM Datasheet HTML 82Page - ELM Electronics ELM329LSM Datasheet HTML 83Page - ELM Electronics ELM329LSM Datasheet HTML 84Page - ELM Electronics ELM329LSM Datasheet HTML 85Page - ELM Electronics ELM329LSM Datasheet HTML 86Page - ELM Electronics ELM329LSM Datasheet HTML 87Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
84 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L integrated circuits are 28 pin devices, available in either a 300 mil wide (‘skinny’) Plastic DIP format,
in a 300 mil (7.50 mm body) SOIC surface mount type of package, or in a 208 mil (5.30 mm body) SSOP
surface mount package. We do not offer a QFN package.
To order, add the appropriate suffix (P, SM, or SS) to the ELM329L part number:
300 mil wide, 28 pin, 0.10” (2.54 mm) pitch, PDIP.............................................................................. ELM329LP
300 mil wide, 28 pin, 0.050” (1.27 mm) pitch, SOIC........................................................................ ELM329LSM
208 mil wide, 28 pin, 0.025” (0.65 mm) pitch, SSOP........................................................................ ELM329LSS
Ordering Information
Version History
We are often asked about the differences between
the various firmware versions in our integrated circuits.
The ELM329L started with firmware v2.1:
v2.1
The first version that was available. Supports all of the
ELM329 v2.1 functions, and also:
- requires a 10µF capacitor on pin 6
- has a 2048 byte RS232 transmit buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com