| Electronic Components Datasheet Search |
|
ELM329LSM Datasheet(PDF) 44 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM329LSM Datasheet(HTML) 44 Page - ELM Electronics |
|
44 / 87 page ![]() 44 of 87 ELM329L ELM329L DSA Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com Mixed ID (11 and 29 bit) Sending Users often ask if the ELM329 can send CAN data other than that used for OBD. It is certainly able to do that - all it takes is an understanding of the way that messages are formed and sent by the chip. The ELM329 also has two special instructions that make it even easier to send any CAN message at any time. When you provide a mode and PID for sending, the ELM329 puts that request within a message structure just like that shown in Figure 5. For this example, we’ve assumed an ISO 15765-4 protocol with an 11 bit ID, and an 01 05 (coolant temperature) request. Notice that the two data bytes remain intact - they are not altered in any way. Every ISO 15765 message requires that there be a special data byte (called a PCI byte) in the first position. The ELM329 automatically adds this byte for you, if automatic formatting is turned on (it is by default). If you do not want this byte added, simply turn the formatting off, with the AT CAF0 command. This protocol also requires that all messages have 8 data bytes (the CAN protocol allows 0 to 8). If, as above, the message is less than 8 bytes long, the ELM329 will add extra ‘filler’ bytes for you in order to make the length 8 bytes. If you do not want to send 8 bytes, use the AT V1 command to allow the messages to be variable in length. When you turn the formatting off, and allow variable data lengths, it’s not as easy to send standard ISO 15765 requests (but not impossible). If you had done as above and sent AT CAF0, followed by AT V1, then wanted to request the coolant temperature, all you need to do is provide the 8 data bytes yourself: >02 01 05 00 00 00 00 00 You do not always have to use the CAF0 and V1 commands in order to send arbitrary data using the ELM329, however. An alternative is to define your own protocol, using the Programmable Parameters for the User protocols. Actually, protocol B provides a quick way to do this: >AT PB C0 02 OK is all that is needed to set up a 250 kbaud protocol that has an 11 bit ID, variable data length send, and no formatting. The above discussion showed how to set options to modify existing protocols, or to create a new one that is able to send any data for you. The ELM329 also provides two special commands that add this flexibility at any time, to any protocol. If you were in the original situation (Figure 5), and wished to send the four data bytes ‘11 22 33 44’ with no formatting (ie no PCI byte) or filler bytes, then all you need do with the ELM329 is send: >.11 22 33 44 Notice the single dot (‘.’) out front, which tells the ELM329 to use the 11 bit ID. If you had used two dots (‘:’) as follows: >:11 22 33 44 then the ELM329 would have sent the message using the 29 bit ID (you can set the value with the AT SH command). Note that messages with 11 or 29 bit IDs can be sent at any time using these two commands, no matter what the current protocol uses. The only restriction is that the current protocol must be active - that is, you must have been sending requests and receiving replies (so the ELM329 knows what the baud rate and other settings should be). The ‘.’ and ‘:’ commands always use the currently defined headers for sending. If you wish to send with something different, then the standard AT SH command should be used to set either the 11 bit, or the 29 bit header. (One of these headers will also affect the current protocol though, as there is no facility to define more than one 11 bit, or one 29 bit header.) Note that the ‘.’ and ‘:’ commands also never modify your data in any way - they do not add any formatting bytes, and they do not add filler bytes. If you want a message that has 8 data bytes, then you must provide all 8 data bytes. Figure 5. ISO 15765-4 Request >01 05 7DF 8 02 01 05 00 00 00 00 00 filler bytes PCI byte dlc header (ID bits) 8 data bytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |