Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 1 Page - ELM Electronics

  ELM329LSM Datasheet HTML 1Page - ELM Electronics ELM329LSM Datasheet HTML 2Page - ELM Electronics ELM329LSM Datasheet HTML 3Page - ELM Electronics ELM329LSM Datasheet HTML 4Page - ELM Electronics ELM329LSM Datasheet HTML 5Page - ELM Electronics ELM329LSM Datasheet HTML 6Page - ELM Electronics ELM329LSM Datasheet HTML 7Page - ELM Electronics ELM329LSM Datasheet HTML 8Page - ELM Electronics ELM329LSM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
ELM329L
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
CAN Interpreter
The ELM329L is a low voltage version of our
popular ELM329 integrated circuit. It supports all of
the features of our current ELM329 IC, and only
differs physically in how pin 6 is used.
The following pages discuss the ELM329L in
detail, how to use it and how to configure it, as well
as providing some background information on the
protocols
that
are
supported.
There
are
also
schematic diagrams and tips to help you to interface
to microprocessors, construct a basic scan tool, and
to use the low power mode. Because of the similarity
with the ELM329, much of this data sheet has been
copied from the ELM329 data sheet.
Throughout this document, we will use the term
‘ELM329’ to refer to either the ELM329 or the
ELM329L. If there is something different between
the two, we will be specific as to which it applies to.
• Works with a 2.0V to 5.5V supply
• Universal serial (RS232) interface
• Fully configurable with AT commands
• Compatible with the popular ELM327
• Low power CMOS design
• Diagnostic trouble code readers
• Automotive scan tools
• Teaching aids
Description
Applications
Features
1 of 87
ELM329L DSA
Connection Diagram
PDIP and SOIC
(top view)
OBD Tx LED
OBD Rx LED
RS232 Tx LED
RS232 Rx LED
CAN Rx
CAN Tx
M0
M1
VDD
RS232 Rx
RS232 Tx
PwrCtrl / Busy
MCLR
Memory
Filter Cap
LFmode
Active LED
XT1
XT2
VSS
In1
In2
Control
CAN Monitor
Vmeasure
VSS
IgnMon / RTS
PwrCtrl
Block Diagram
Protocol
Interpreter
RS232
Interface
CAN
Interface
4
15
16
14
11
LFmode 7
18
17
RS232Tx
RS232Rx
status LEDs
23
24
CAN Rx
CAN Tx
22
21
M0
M1
5
12
13
In1
In2
Control
2
Vmeasure
I/O
Module
4.00 MHz
9
10
Control
Module
6
Filter Cap
1
MCLR
20
VDD
8
VSS
19
VSS
Memory
3
26
27
25
28
ISO 15765-4
SAE J1939
ISO 11898
PwrCtrl
PwrCtrl / Busy
IgnMon / RTS
CAN Monitor


Similar Part No. - ELM329LSM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM329 ELM-ELM329 Datasheet
358Kb / 76P
CAN Interpreter
ELM329P ELM-ELM329P Datasheet
358Kb / 76P
CAN Interpreter
ELM329SM ELM-ELM329SM Datasheet
358Kb / 76P
CAN Interpreter
More results

Similar Description - ELM329LSM

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC110 EPC-EPC110 Datasheet
600Kb / 27P
Fully integrated configurable light barrier driver & receiver
logo
STMicroelectronics
SPBT2532C2.AT2 STMICROELECTRONICS-SPBT2532C2.AT2 Datasheet
561Kb / 27P
Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
18-Jul-2012
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT160-7 ETC2-EAKIT160-7 Datasheet
800Kb / 21P
CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
logo
STMicroelectronics
L6759D STMICROELECTRONICS-L6759D Datasheet
1Mb / 51P
Fully configurable through PMBus
31-May-2012
logo
Advantech Co., Ltd.
IDS31-104 ADVANTECH-IDS31-104 Datasheet
3Mb / 2P
Fully configurable, high-reliability, rugged display solution with choice of brightness, touch
IDS31-190 ADVANTECH-IDS31-190 Datasheet
1Mb / 2P
Fully configurable, high-reliability, rugged display solution with choice of brightness, touch
IDS31-320W ADVANTECH-IDS31-320W Datasheet
1Mb / 2P
Fully configurable, high-reliability
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
BLUETOOTH MODULE AT COMMANDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com