Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 81 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 81 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 77Page - ELM Electronics ELM329LSM Datasheet HTML 78Page - ELM Electronics ELM329LSM Datasheet HTML 79Page - ELM Electronics ELM329LSM Datasheet HTML 80Page - ELM Electronics ELM329LSM Datasheet HTML 81Page - ELM Electronics ELM329LSM Datasheet HTML 82Page - ELM Electronics ELM329LSM Datasheet HTML 83Page - ELM Electronics ELM329LSM Datasheet HTML 84Page - ELM Electronics ELM329LSM Datasheet HTML 85Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 87 page
background image
21
5
81 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Modifications for Low Power Standby Operation (continued)
Figure 15.
Low Power Mods Highlighted
X1
4.00MHz
C6
27pF
OBD
Interface
(J1962)
R1-4
470
Ω
+5V
C5
27pF
+5V
+5V
+5V
CAN-H
6
CAN-L
14
1
2
3
4
5
6
7
8
MCP2561
L6
PWR
329L
1
2
3
4
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
27
28
U1
+5V
R6
470
Ω
L1-L4
R7
100
Ω
R8
100
Ω
C7
560pF
C8
560pF
R9
4.7K
Ω
R10
470K
Ω
R11
100K
Ω
C10
0.01µF
U2
R5
470
Ω
+5V
+5V
C11
0.1µF
L5
Active
+
+
Battery
Positive
16
Signal
Ground
5
+5V
C3
0.1µF
D1
U3
LP2950
C4
33µF
10V
C2
10µF
50V
D2
5.0V
TVS
C1
0.1µF
50V
USB
Interface
(mini B)
3 (TxD)
5 (SG)
1 (DCD)
4 (DTR)
6 (DSR)
7 (RTS)
8 (CTS)
FTDI
DB9-USB-D5-F
9 (RI)
2 (RxD)
+5V
D3
U4
R12
4.7K
Ω
+5V
4
5
6
2
3
1
C9
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com