Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 85 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 85 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 79Page - ELM Electronics ELM329LSM Datasheet HTML 80Page - ELM Electronics ELM329LSM Datasheet HTML 81Page - ELM Electronics ELM329LSM Datasheet HTML 82Page - ELM Electronics ELM329LSM Datasheet HTML 83Page - ELM Electronics ELM329LSM Datasheet HTML 84Page - ELM Electronics ELM329LSM Datasheet HTML 85Page - ELM Electronics ELM329LSM Datasheet HTML 86Page - ELM Electronics ELM329LSM Datasheet HTML 87Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
85 of 87
ELM329L
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
All rights reserved. Copyright 2011, 2012, 2013 and 2016 by Elm Electronics Inc.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
The diagrams at the right show the three package
styles that the ELM329L is available in.
The top diagram shows our ELM329LP product in
what is commonly called a ‘300 mil skinny DIP
package’. It is used for through hole applications.
The middle diagram shows the ELM329LSM
dimensions. This package is also often referred to as
being 300 mil (0.300”) wide, and is called an SOIC
(Small Outline IC) package. We have chosen to simply
refer to it as the SM (surface mount) version.
The bottom drawing shows our smaller surface
mount device - the ELM329LSS. Although it has a
5.30 mm wide package, it is sometimes referred to as
a 208 mil device. This package is typically used when
space is at a premium (note that due to the size, it is
difficult to hand solder).
The drawings shown here provide only the basic
dimensions for these ICs. Please refer to the following
Microchip Technology Inc. documentation for more
detailed information:
Package Drawings and Dimensions Specification,
(document name en012702.pdf - 7.5 MB).
Go to www.microchip.com, select ‘Design Support’
then ‘Documentation’ then ‘Packaging Specifications’,
or go directly to www.microchip.com/packaging
PIC18F66K80 Family Data Sheet,
(document name 39977fd.pdf - 5.1 MB).
Go to www.microchip.com, select ‘Design Support’
then ‘Documentation’ then ‘Data Sheets, and search
for 18F25K80.
Note: all dimensions shown are in mm.
2.54
ELM329LP
max
10.92
7.24
7.50
ELM329LSM
10.30
1.27
5.30
ELM329LSS
7.80
0.65
Outline Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com