Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 47 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 47 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 43Page - ELM Electronics ELM329LSM Datasheet HTML 44Page - ELM Electronics ELM329LSM Datasheet HTML 45Page - ELM Electronics ELM329LSM Datasheet HTML 46Page - ELM Electronics ELM329LSM Datasheet HTML 47Page - ELM Electronics ELM329LSM Datasheet HTML 48Page - ELM Electronics ELM329LSM Datasheet HTML 49Page - ELM Electronics ELM329LSM Datasheet HTML 50Page - ELM Electronics ELM329LSM Datasheet HTML 51Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
PC
ELM329
ELM329L
47 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Using Higher RS232 Baud Rates (continued)
command. For example, to try the 57.6K rate that was
previously discussed, the controlling PC would send:
AT BRD 45
and the ELM329 would respond with ‘OK’. After it sees
the ‘OK’, the PC should switch to the new data rate of
57.6 kbaud. Note that no prompt character follows the
ELM329’s ‘OK’ reply - it is followed only by a carriage
return character (and optionally, a linefeed character).
Having sent an ‘OK’, the ELM329 also switches to
the new (proposed) baud rate, and then simply waits a
predetermined time (nominally 75 msec). This period
is to allow the PC sufficient time to change its baud
rate. When the time is up, the ELM329 then sends the
ID string (currently ‘ELM329 v2.0’) to the PC at the
new baud rate, followed by a carriage return and a
linefeed (if enabled). It then waits for a response.
Knowing that it should receive the ELM329 ID
string, the PC software compares what was actually
received to what was expected. If they match, the PC
responds with a carriage return character, but if there
is a problem, the PC sends nothing. The ELM329 is
meanwhile waiting for a valid carriage return character
to arrive. If it does (within 75 msec), the proposed
baud rate is retained, and the ELM329 says ‘OK’ at
this new rate. If it does not see the carriage return, the
baud rate reverts back to the old rate. Note that the PC
might correctly output the carriage return at this new
rate, but the interface circuitry could corrupt the
character, and the ELM329 might not see a valid
response, so your software must check for an ‘OK’
response before assuming that the new rate has been
accepted.
Using this method, a program can quickly try
several baud rates, and determine the most suitable
one for the connected hardware. The new baud rate
will stay in effect until reset by an AT Z, a Power
Off/On, or a MCLR input. It is not affected by the AT D
(set Defaults), or AT WS (Warm Start) commands.
* the 75 msec time is adjustable
with the AT BRT hh command
Request for a new
baud rate divisor:
AT BRD hh
ELM329 responds
with ‘OK’
ELM329 sends the
AT I string
(ELM329 v2.0)
Program switches to
the new baud rate,
and waits for input
ELM329 waits
up to 75 msec*
for a carriage return
If the Rx is good,
Program sends a
carriage return
ELM329 says ‘OK’
(and remains at the
new baud setting)
Baud rate reverts
to the previous
baud rate
CR
received
?
yes
no
Print a prompt,
and wait for the
next command
ELM329 switches to
new baud rate and
waits for 75 msec*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com