Electronic Components Datasheet Search
  English  ▼

X  

ELM329LSM Datasheet(PDF) 53 Page - ELM Electronics

Part # ELM329LSM
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LSM Datasheet(HTML) 53 Page - ELM Electronics

Back Button ELM329LSM Datasheet HTML 49Page - ELM Electronics ELM329LSM Datasheet HTML 50Page - ELM Electronics ELM329LSM Datasheet HTML 51Page - ELM Electronics ELM329LSM Datasheet HTML 52Page - ELM Electronics ELM329LSM Datasheet HTML 53Page - ELM Electronics ELM329LSM Datasheet HTML 54Page - ELM Electronics ELM329LSM Datasheet HTML 55Page - ELM Electronics ELM329LSM Datasheet HTML 56Page - ELM Electronics ELM329LSM Datasheet HTML 57Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
53 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM329L
can directly request PGNs using numbers as they are
written on the page (if they are written as hex digits),
and the ELM329 will make it work for you. If you do not
want the ELM329 to alter the byte order, the feature
can be disabled (by sending an AT JS command).
The ELM329 always assumes that when you start
making requests of this type, you do not know what
devices are connected to the J1939 bus. That is, by
default the ELM329 sends all requests to the 'global
address' (ie all devices), and then looks for replies.
Often, this works well, but J1939 devices are not
required to respond to such general inquiries, and may
not if they are busy. For this reason, it is usually better
to direct your queries to a specific address, once it is
known.
In order to determine the address to send to, you
may have to monitor the information on the bus for a
while. Make sure that the headers (ID bits) are being
displayed, and note what is shown in the Source
Address position, which is immediately before the data
bytes. In the previous example, this would be 00
(which J1939 defines as the address for engine #1).
As an example, let us assume that it is engine #1 that
you wish to direct your queries to. To do this, you will
want to change the Destination Address from FF (the
global address) to 00 (engine #1).
By default, the ELM329 uses 6 0EAFF F9 for the
ID bits of all requests (or 18 EA FF F9 if you prefer).
That is, it uses a priority of 6, to make a request (EA)
to the global address (FF) by the device at F9 (the
scan tool). Since you only wish to alter the EAFF F9
portion of the ID bits and not the priority, you may do
this with the three byte set header command:
>AT SH EA 00 F9
As an aside, note that hexadecimal EA00 is the
same as decimal 59904. For this reason, messages
with EA for the PDU Format value are often referred to
as PGN 59904 requests.
After making the above change, all data requests
will be directed to the engine, so don’t forget to change
the headers if you wish to again make global requests.
Note that the AT SH command allows you to change
the source (or tester) address at will, so be careful with
this as addresses should really be negotiated using
the method described in J1939-81 and you might
conceivably choose an address that is already in use.
The current version of the ELM329 does not support
J1939-81 address negotiation, so can not obtain an
address for you.
Once the ELM329 has been configured to send all
messages to address 00, repeat the request:
>00FEEE
6 0E8FF 00 01 FF FF FF FF EE FE 00
This response is of the ‘acknowledgement’ type
(E8), which is being broadcast to all (FF) by the device
with address 00. The last three data bytes show the
PGN requested, in reverse byte order, so we know this
is a response to our request. Looking at the other data
bytes, the first is not 00 (which we would expect for a
positive acknowledgement), it is 01 which means
negative acknowledgement. Since all requests to a
specific address must be responded to, the device at
address 00 is responding by saying that it is not able
to respond. That is, retrieve the information using the
MP command.
If the ECU had been able to reply to the request,
the format of the response would have been slightly
different. For example, if a request for engine run time
(PGN 00FEE5) had been made, the response might
have been like this:
>00FEE5
6 0FEE5 00 80 84 1E 00 FF FF FF FF
Notice that the PGN appears in the header for
these types of replies, and the data bytes are those
defined for the SPNs in the PGN.
All responses to a request are printed by the
ELM329, whether they are a single CAN message, or
a multisegment transmission as defined by the
transport protocol (J1939-21). If the responses are
multisegment,
the
ELM329
handles
all
of
the
negotiation for you. As an example, a multisegment
response to a DM2 request might look like this:
>00FECB
012
7 0EBF9 00 01 04 FF 50 00 04 0B 54
7 0EBF9 00 02 00 00 01 5F 05 02 31
7 0EBF9 00 03 6D 05 03 03 FF FF FF
if the headers are on, and would appear as:
>00FECB
012
01: 04 FF 50 00 04 0B 54
02: 00 00 01 5F 05 02 31
Using J1939 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com