Electronic Components Datasheet Search
  English  ▼

X  

TDP158 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 22Page - Texas Instruments TDP158 Datasheet HTML 23Page - Texas Instruments TDP158 Datasheet HTML 24Page - Texas Instruments TDP158 Datasheet HTML 25Page - Texas Instruments TDP158 Datasheet HTML 26Page - Texas Instruments TDP158 Datasheet HTML 27Page - Texas Instruments TDP158 Datasheet HTML 28Page - Texas Instruments TDP158 Datasheet HTML 29Page - Texas Instruments TDP158 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
26
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 3. Receiver EQ Programming and Values (continued)
Global
Independent Lane Control
RX EQ
(dB)
Pin Control (1)
I2C Control
I2C Control (2)
{EQ2,EQ1}
P0_Reg0D[6:3]
D2
P0_Reg4E[3:0]
D1
P0_Reg4E[7:4]
D3
P0_Reg4F[3:0]
CLK(2)(3)
P0_Reg4F[7:4]
12
4’b1010
4’b1010
4’b1010
4’b1010
4’b1010
13
4’b1011
4’b1011
4’b1011
4’b1011
4’b1011
14
4’b1100
4’b1100
4’b1100
4’b1100
4’b1100
14.5
2’b1Z
4’b1101
4’b1101
4’b1101
4’b1101
4’b1101
15
4’b1110
4’b1110
4’b1110
4’b1110
4’b1110
15.5
2’b11
4’b1111
4’b1111
4’b1111
4’b1111
4’b1111
8.3.7 Input Signal Detect Block
When SIG_EN is enabled through I2C the receiver looks for a valid HDMI clock signal input and is fully functional
when a valid signal is detected. If no valid HDMI clock signal is detected, the device enters standby mode waiting
for a valid signal at the clock input. All of the TMDS outputs and IN_D[0:2] are in high-Z status. HDMI signal
detect circuit is default enabled. If there is a loss of signal reg20h[5] can be read to determine if the TDP158 has
not detected a valid signal or not.
8.3.8 Transmitter Impedance Control
HDMI2.0 standard requires a source termination impedance in the 75
Ω to 150Ω range for data rates > 3.4Gbps.
HDMI1.4b requires no source termination but has a provision for using 150
Ω to 300 Ω for higher data rates. The
TDP158 has three termination levels that are selectable using pin 16 when programming through pin strapping or
when using I2C programming through reg0Bh[4:3]. When the TMDS_CLOCK_RATIO_STATUS bit, reg0Bh[1] = 1
theTDP158 automatically turns on the 75
Ω to 150 Ω source termination otherwise the termination must be
selected. See Table 4.
Table 4. Source Termination Control Table
Pin 16
Reg0Bh[4:3]
Source Termination
TERM = L
00
150 Ω ~ 300 Ω
TERM = NC
01
None
10
Automatic set based upon TMDS_CLOCK_RATIO_STATUS bit
TERM = H
11
75 Ω ~ 150 Ω
NOTE
If the TMDS_CLOCK_RATIO_STATUS bit = 1, the TDP158 automatically switches in 75
Ω ~ 150 Ω termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com