Electronic Components Datasheet Search
  English  ▼

X  

TDP158 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 39Page - Texas Instruments TDP158 Datasheet HTML 40Page - Texas Instruments TDP158 Datasheet HTML 41Page - Texas Instruments TDP158 Datasheet HTML 42Page - Texas Instruments TDP158 Datasheet HTML 43Page - Texas Instruments TDP158 Datasheet HTML 44Page - Texas Instruments TDP158 Datasheet HTML 45Page - Texas Instruments TDP158 Datasheet HTML 46Page - Texas Instruments TDP158 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
t
RC
DD
V(t) V
(1
e
)
u
T
k
RC
u
CC
UP(min)
sink
V
R
I
43
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.2.2 DDC Pull Up Resistors
This section is for information only and subject to change depending upon system implementation. The pull-up
resistor value is determined by two requirements:
1. The maximum sink current of the I2C buffer:
The maximum sink current is 3 mA or slightly higher for an I2C driver supporting standard-mode I2C
operation.
(1)
2. The maximum transition time on the bus:
The maximum transition time, T, of an I2C bus is set by an RC time constant, where R is the pull-up resistor
value, and C is the total load capacitance. The parameter, k, can be calculated from Equation 3 by solving
for t, the times at which certain voltage thresholds are reached. Different input threshold combinations
introduce different values of t. Table 28 summarizes the possible values of k under different threshold
combinations.
(2)
(3)
Table 28. Value k upon Different Input Threshold Voltages
Vth-\Vth+
0.7 VCC
0.65 VCC
0.6 VCC
0.55 VCC
0.5 VCC
0.45 VCC
0.4 VCC
0.35 VCC
0.3 VCC
0.1 VCC
1.0986
0.9445
0.8109
0.6931
0.5878
0.4925
0.4055
0.3254
0.2513
0.15 VCC
1.0415
0.8873
0.7538
0.6360
0.5306
0.4353
0.3483
0.2683
0.1942
0.2 VCC
0.9808
0.8267
0.6931
0.5754
0.4700
0.3747
0.2877
0.2076
0.1335
0.25 VCC
0.9163
0.7621
0.6286
0.5108
0.4055
0.3102
0.2231
0.1431
0.0690
0.3 VCC
0.8473
0.6931
0.5596
0.4418
0.3365
0.2412
0.1542
0.0741
From Equation 1, Rup(min) = 5.5 V/3 mA = 1.83 kΩ to operate the bus under a 5-V pull-up voltage and provide
less than 3 mA when the I2C device is driving the bus to a low state. If a higher sink current, for example 4 mA,
is allowed, Rup(min) can be as low as 1.375 kΩ.
If DDC working at standard mode of 100 Kbps, the maximum transition time T is fixed, 1 μs, and using the k
values from Table 28, the recommended maximum total resistance of the pull-up resistors on an I2C bus can be
calculated for different system setups. If DDC working in fast mode of 400 Kbps, the transition time should be set
at 300 ns according to I2C specification.
To support the maximum load capacitance specified in the HDMI spec, C(cable)(max) = 700 pF, C(source) = 50 pF,
CI = 50 pF, R(max) can be calculated as shown in Table 29.
Table 29. Pull-Up Resistor Upon Different Threshold Voltages and 800-pF Loads
Vth-\Vth+
0.7 VCC
0.65 VCC
0.6 VCC
0.55 VCC
0.5 VCC
0.45 VCC
0.4 VCC
0.35 VCC
0.3 VCC
UNIT
0.1 VCC
1.14
1.32
1.54
1.8
2.13
2.54
3.08
3.84
4.97
K
Ω
0.15 VCC
1.2
1.41
1.66
1.97
2.36
2.87
3.59
4.66
6.44
K
Ω
0.2 VCC
1.27
1.51
1.8
2.17
2.66
3.34
4.35
6.02
9.36
K
Ω
0.25 VCC
1.36
1.64
1.99
2.45
3.08
4.03
5.6
8.74
18.12
K
Ω
0.3 VCC
1.48
1.8
2.23
2.83
3.72
5.18
8.11
16.87
------
K
Ω
To accommodate the 3-mA drive current specification, a narrower threshold voltage range is required to support
a maximum 800-pF load capacitance for a standard-mode I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com