Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 23 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 23 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 19Page - Microchip Technology IS2064 Datasheet HTML 20Page - Microchip Technology IS2064 Datasheet HTML 21Page - Microchip Technology IS2064 Datasheet HTML 22Page - Microchip Technology IS2064 Datasheet HTML 23Page - Microchip Technology IS2064 Datasheet HTML 24Page - Microchip Technology IS2064 Datasheet HTML 25Page - Microchip Technology IS2064 Datasheet HTML 26Page - Microchip Technology IS2064 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 23
IS2062/64
5.0
POWER MANAGEMENT UNIT
The IS2062/64 SoC has an integrated Power Manage-
ment Unit (PMU). The main features of the PMU are a
lithium-ion and lithium-polymer battery charger and
voltage regulation. A power switch is used to switch
over the power source between a battery and an adap-
tor. The PMU also provides current for driving LEDs.
5.1
Charging a Battery
The IS2062/64 SoC has a built-in battery charger which
is optimized for lithium-ion and lithium-polymer batter-
ies. The charger includes a current sensor for charging
control, user programmable current regulator and high
accuracy voltage regulator.
The charging current parameters are configured by
using the UI tool. Whenever an adaptor is plugged-in,
the charging circuit become activated. Reviving,
pre-charging, constant current and constant voltage
modes and re-charging functions are included. The
maximum charging current is 350 mA. Figure 5-1 illus-
trates the charging curve of a battery.
FIGURE 5-1:
BATTERY CHARGING CURVE
5.2
Voltage Monitoring
A 10-bit, successive approximation ADC (SAR ADC)
provides a dedicated channel for voltage level detec-
tion. The warning level can be programmed by using
the UI tool. The ADC provides a granular resolution to
enable the MCU to take control over the charging pro-
cess.
5.3
LDO
A built-in Low-Dropout Regulator (LDO) is used to
convert the battery or adaptor power for power supply.
It also integrates hardware architecture to control the
power on/off procedure. The built-in programmable
LDOs provide power for codec and digital I/O pads.
Also, it is used to buffer the high input voltage from
battery or adapter. This LDO requires 1 μF bypass
capacitor.
5.4
Switching Regulator
The built-in programmable output voltage regulator can
convert the battery voltage to RF and baseband core
power supply. This converter has a high conversion
efficiency and a fast transient response.
5.5
LED Driver
The IS2062 SoC has two LED drivers and the IS2064
SoC has three LED drivers. The LED drivers provide
enough sink current (16-step control and 0.35 mA for
each step) and the LED can be connected directly to
the IS2062/64 SoC. The LED settings can be config-
ured using the UI tool.
Figure 5-2 illustrates the LED driver details.
IS2062_64.book Page 23 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com