Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 33 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 33 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 29Page - Microchip Technology IS2064 Datasheet HTML 30Page - Microchip Technology IS2064 Datasheet HTML 31Page - Microchip Technology IS2064 Datasheet HTML 32Page - Microchip Technology IS2064 Datasheet HTML 33Page - Microchip Technology IS2064 Datasheet HTML 34Page - Microchip Technology IS2064 Datasheet HTML 35Page - Microchip Technology IS2064 Datasheet HTML 36Page - Microchip Technology IS2064 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 33
IS2062/64
6.5
I2S Mode Application
The IS2064 SoC provides an I2S digital audio output
interface to connect with the external codec or DSP. It
provides 8, 16, 44.1, 48, 88.2 and 96 kHz sampling
rates for 16-bit and 24-bit data formats. The I2S setting
can be configured by using the UI and DSP tools. The
external codec or DSP interfaces with these pins:
SCLK0, RFS0, DR0, and DT0 (pin no. 3, 2, 1, and 4).
Figure 6-9 and Figure 6-10 illustrate the I2S signal con-
nection between the IS2064 SoC and an external DSP.
Use the DSP tool to configure the IS2064 SoC as Mas-
ter/Slave.
For additional information on timing specifications,
refer to 8.1 “Timing specifications ”.
FIGURE 6-9:
IS2064 IN I2S MASTER MODE
FIGURE 6-10:
IS2064 SLAVE MODE
IS2062_64.book Page 33 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com