Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 15 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 15 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 11Page - Microchip Technology IS2064 Datasheet HTML 12Page - Microchip Technology IS2064 Datasheet HTML 13Page - Microchip Technology IS2064 Datasheet HTML 14Page - Microchip Technology IS2064 Datasheet HTML 15Page - Microchip Technology IS2064 Datasheet HTML 16Page - Microchip Technology IS2064 Datasheet HTML 17Page - Microchip Technology IS2064 Datasheet HTML 18Page - Microchip Technology IS2064 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 15
IS2062/64
2.0
AUDIO
The input and output audios have different stages and
each stage can be programmed to vary the gain
response characteristics. For microphone, both
single-end inputs and differential inputs are supported.
To maintain a high quality signal, a stable bias voltage
source to the condenser microphone’s FET is provided.
The DC blocking capacitors can be used at both
positive and negative sides of the input. Internally, this
analog signal is converted to 16-bit, 8/16 kHz linear
PCM data.
2.1
Digital Signal Processor
A Digital Signal Processor (DSP) is used to perform
speech and audio processing. The advanced speech
features, such as acoustic echo cancellation and noise
reduction are in-built. To reduce nonlinear distortion
and help echo cancellation, an outgoing signal level to
the speaker will exceed the threshold (and therefore
likely to create echo). This may result in suppression of
the signal. Adaptive filtering is also applied to track the
echo path impulse in response to provide echo free and
full-duplex user experience. The embedded noise
reduction algorithm helps to extract clean speech sig-
nals from the noisy inputs captured by microphones
and improves mutual understanding in communication.
Advanced audio features, such as multi-band dynamic
range control, parametric multi-band equalizer, audio
widening and virtual bass are in-built. The audio effect
algorithms are to improve the user’s audio listening
experience in terms of better quality audio after audio
signal processing.
Figure 2-1 and Figure 2-2 illustrate the processing flow
of speaker phone applications for speech and audio
signal processing.
FIGURE 2-1:
SPEECH PROCESSING
FIGURE 2-2:
AUDIO PROCESSING
IS2062_64.book Page 15 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com