Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 53 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 53 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 49Page - Microchip Technology IS2064 Datasheet HTML 50Page - Microchip Technology IS2064 Datasheet HTML 51Page - Microchip Technology IS2064 Datasheet HTML 52Page - Microchip Technology IS2064 Datasheet HTML 53Page - Microchip Technology IS2064 Datasheet HTML 54Page - Microchip Technology IS2064 Datasheet HTML 55Page - Microchip Technology IS2064 Datasheet HTML 56Page - Microchip Technology IS2064 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 53
IS2062/64
10.0
REFLOW PROFILE AND
STORAGE CONDITION
Figure 10-1 and Figure 10-2 illustrate reflow profiles
and stencil information of the IS2062/64 SoC.
10.1
Stencil of SMT Assembly
Suggestion
10.1.1
STENCIL TYPE & THICKNESS
• Laser cutting
• Stainless steel
• Thickness: 0.5 mm Pitch, thickness more than
0.15 mm
10.1.2
APERTURE SIZE AND SHAPE FOR
TERMINAL PAD
• Aspect ratio (width/thickness) more than 1.5
• Aperture shape
- The stencil aperture is designed to match the
pad size on the PCB
- Oval-shape opening is used to get the opti-
mum paste release
- Rounded corners to minimize clogging
- Positive taper walls (5
° tapering) with bottom
opening larger than the top
10.1.3
APERTURE DESIGN FOR THERMAL
PAD
• Small multiple openings are used instead of one
big opening, see Figure 10-1
• 60~80% solder paste coverage
• Rounded corners to minimize clogging
• Positive taper walls (5° tapering) with bottom
opening larger than the top, see Figure 10-2
FIGURE 10-1:
REFLOW PROFILE APERTURE DESIGN
FIGURE 10-2:
STENCIL TYPE
IS2062_64.book Page 53 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com