Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 16 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 16 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 12Page - Microchip Technology IS2064 Datasheet HTML 13Page - Microchip Technology IS2064 Datasheet HTML 14Page - Microchip Technology IS2064 Datasheet HTML 15Page - Microchip Technology IS2064 Datasheet HTML 16Page - Microchip Technology IS2064 Datasheet HTML 17Page - Microchip Technology IS2064 Datasheet HTML 18Page - Microchip Technology IS2064 Datasheet HTML 19Page - Microchip Technology IS2064 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
IS2062/64
DS60001409A - Page 16
Advance Information
 2016 Microchip Technology Inc.
The DSP parameters can be configured using the DSP
tool. For additional information on the DSP tool, refer to
the “IS206X DSP Application Note”.
2.2
Codec
The built-in codec has a high signal-to-noise ratio
(SNR) performance and it consist of an analog-to-digi-
tal converter (ADC), a digital-to-analog converter
(DAC) and additional analog circuitry. Figure 2-3
through Figure 2-6 illustrate dynamic range and fre-
quency response of the codec.
FIGURE 2-3:
CODEC DAC DYNAMIC RANGE
FIGURE 2-4:
CODEC DAC THD+N VERSUS INPUT POWER
Note:
The DSP tool and IS206X DSP Applica-
tion Note are available for download from
the Microchip web site at:
www.microchip.com/IS2062 and
www.microchip.com/IS2064.
Note:
The data corresponds to 16 Ohm load with 2.8V operating voltage and 25ºC operating temperature.
Note:
The data corresponds to 16 Ohm load with 2.8V operating voltage and 25ºC operating temperature.
IS2062_64.book Page 16 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com