Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 42 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 42 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 38Page - Microchip Technology IS2064 Datasheet HTML 39Page - Microchip Technology IS2064 Datasheet HTML 40Page - Microchip Technology IS2064 Datasheet HTML 41Page - Microchip Technology IS2064 Datasheet HTML 42Page - Microchip Technology IS2064 Datasheet HTML 43Page - Microchip Technology IS2064 Datasheet HTML 44Page - Microchip Technology IS2064 Datasheet HTML 45Page - Microchip Technology IS2064 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
IS2062/64
DS60001409A - Page 42
Advance Information
 2016 Microchip Technology Inc.
Note 1:
Standby Mode: Power-on without Bluetooth link; Link Mode: With Bluetooth link in low-power mode.
2:
Current consumption values are taken with the BM62 EVB as a test platform, BAT_IN = 3.8V. Distance
between smart phone and EVB is 30 cm. Speaker is without loading.
TABLE 8-10:
SYSTEM CURRENT CONSUMPTION OF IS2062(1, 2)
System Status
Typical
Max.
Unit
System Off Mode
—
10
μA
Stop Advertising (Samsung S5 (SM-G900I)/Android™ 4.4.2)
Standby Mode
0.57
—
mA
Link Mode
0.5
—
mA
ESCO Link
15.1
—
mA
A2DP Link
14.3
—
mA
Stop Advertising (iPhone® 6 / iOS 8.4)
Standby Mode
0.6
—
mA
Link Mode
0.6
—
mA
SCO Link
15.3
—
mA
A2DP Link
15.4
—
mA
IS2062_64.book Page 42 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com