Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 40 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 40 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 36Page - Microchip Technology IS2064 Datasheet HTML 37Page - Microchip Technology IS2064 Datasheet HTML 38Page - Microchip Technology IS2064 Datasheet HTML 39Page - Microchip Technology IS2064 Datasheet HTML 40Page - Microchip Technology IS2064 Datasheet HTML 41Page - Microchip Technology IS2064 Datasheet HTML 42Page - Microchip Technology IS2064 Datasheet HTML 43Page - Microchip Technology IS2064 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
IS2062/64
DS60001409A - Page 40
Advance Information
 2016 Microchip Technology Inc.
Note 1:
Test condition: BK_O = 1.8V with temperature +25 ºC.
2:
These parameters are characterized but not tested in manufacturing.
Note 1:
fin=1 kHz, B/W=20~20 kHz, A-weighted, THD+N < 0.01%, 0dBFS signal, Load = 100 kOhm.
2:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, -1dBFS signal, Load=16 Ohm.
3:
fin = 1 kHz, B/W = 20~20 kHz, A-weighted, THD+N < 0.05%, 0dBFS signal, Load = 16 Ohm.
4:
These parameters are characterized but not tested in manufacturing.
TABLE 8-5:
LED DRIVER(1, 2)
Parameter
Min.
Typical
Max.
Unit
Open-drain Voltage
—
—
3.6
V
Programmable Current Range
0
—
5.25
mA
Intensity Control
—
16
—
step
Current Step
—
0.35
—
mA
Power Down Open-drain Current
—
—
1
μA
Shutdown Current
—
—
1
μA
TABLE 8-6:
AUDIO CODEC DIGITAL TO ANALOG CONVERTER(4)
T = +25 oC, VDD = 2.8V, 1 kHz sine wave input, Bandwidth = 20 Hz~20 kHz
Parameter (Condition)
Min.
Typical
Max.
Unit
Output Sampling Rate
—
128
—
fs
Resolution
16
—
20
Bit
Output Sample Rate
8
—
48
kHz
Signal to Noise Ratio (Note 1)
(SNR @cap-less mode) for 48 kHz
—96
—
dB
Signal to Noise Ratio (Note 1)
(SNR @single-end mode) for 48 kHz
—98
—
dB
Digital Gain
-54
—
4.85
dB
Digital Gain Resolution
—
2~6
—
dB
Analog Gain
-28
—
3
dB
Analog Gain Resolution
—
1
—
dB
Output Voltage Full-scale Swing (AVDD = 2.8V)
495
742.5
—
mV/rms
Maximum Output Power (16 Ohm load)
—
34.5
—
mW
Maximum Output Power (32 Ohm load)
—
17.2
—
mW
Allowed Load
Resistive
—
16
O.C.
Ohm
Capacitive
—
—
500
pF
THD+N (16 Ohm load) (Note 2)—
0.05
—
%
Signal to Noise Ratio (SNR @ 16 Ohm load) (Note 3)
—
—
98
—
dB
IS2062_64.book Page 40 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com