Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 12 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 12 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 8Page - Microchip Technology IS2064 Datasheet HTML 9Page - Microchip Technology IS2064 Datasheet HTML 10Page - Microchip Technology IS2064 Datasheet HTML 11Page - Microchip Technology IS2064 Datasheet HTML 12Page - Microchip Technology IS2064 Datasheet HTML 13Page - Microchip Technology IS2064 Datasheet HTML 14Page - Microchip Technology IS2064 Datasheet HTML 15Page - Microchip Technology IS2064 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
IS2062/64
DS60001409A - Page 12
Advance Information
 2016 Microchip Technology Inc.
Table 1-3 provides the pin descriptions of the IS2064 SoC.
TABLE 1-3:
IS2064 SOC PIN DESCRIPTIONS
Pin No
Pin Type
Name
Description
1
P
VDDAO
Power supply dedicated to codec output amplifiers;
connect to the CODEC_VO pin
2
O
AOHPM
Headphone common mode output or sense input
3
O
AOHPL
Headphone output, left channel
4
P
VDDA
Power supply or reference voltage for external codec;
connect to the CODEC_VO pin
5
P
VCOM
Internal biasing voltage for codec
6
I
MIC_N1
Mic 1 mono differential analog negative input
7
I
MIC_P1
Mic 1 mono differential analog positive input
8
P
MIC_BIAS
Electric microphone biasing voltage
9
I
AIR
R-channel single-ended analog input
10
I
AIL
L-channel single-ended analog input
11
P
VDD_CORE
Core 1.2V power input; connect to the CLDO_O pin
12
O
P1_2
I2C SCL (EEPROM)
13
I/O
P1_3
I2C SDA (EEPROM), requires external pull-up resistor
14
I
RST_N
System Reset (active-low)
15
P
VDD_IO
I/O power supply input (3.0V~3.6V); connect to
LDO31_VO (pin # 24); connect to GND through a
1 μF (X5R/X7R) capacitor
16
I/O
P0_1
Configurable control or indication pin
(Internally pulled up if configured as an input)
• FWD key when Class 2 RF (default), active-low
• Class1 Tx control signal for external RF Tx/Rx
switch, active-high
17
I
P2_4
System configuration pin along with the P2_0 and EAN
pins, used to set the SoC in any one of the following
modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to load a new firmware into
the SoC), see Table 6-1
18
I/O
P0_4
Configurable control or indication pin
(Internally pulled up if configured as an input)
• NFC detection pin, active-low
• Out_Ind_1
19
I/O
P1_5
Configurable control or indication pin
(Internally pulled up if configured as an input)
• NFC detection pin
• Slide switch detector, active-high
• Out_Ind_1
• Multi-speaker Master/Slave mode control (FW
dependent)
20
I
HCI_RXD
HCI UART data input
21
O
HCI_TXD
HCI UART data output
22
P
CODEC_VO
LDO output for codec power
23
P
LDO31_VIN
LDO input; connect to SYS_PWR (pin # 29)
IS2062_64.book Page 12 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com